Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGU8019 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BGU8019
Description  Optimized performance at a supply current of 4.6 mA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU8019 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BGU8019 Datasheet HTML 7Page - NXP Semiconductors BGU8019 Datasheet HTML 8Page - NXP Semiconductors BGU8019 Datasheet HTML 9Page - NXP Semiconductors BGU8019 Datasheet HTML 10Page - NXP Semiconductors BGU8019 Datasheet HTML 11Page - NXP Semiconductors BGU8019 Datasheet HTML 12Page - NXP Semiconductors BGU8019 Datasheet HTML 13Page - NXP Semiconductors BGU8019 Datasheet HTML 14Page - NXP Semiconductors BGU8019 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
BGU8019
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 3 — 18 January 2017
11 of 18
NXP Semiconductors
BGU8019
SiGe:C LNA MMIC for GPS, GLONASS, Galileo and Compass
Pi = 45 dBm; Tamb =25 C.
(1) VCC = 1.5 V
(2) VCC = 1.8 V
(3) VCC = 2.85 V
(4) VCC = 3.1 V
f = 1575 MHz; Tamb =25 C.
(1) VCC = 1.5 V
(2) VCC = 1.8 V
(3) VCC = 2.85 V
(4) VCC = 3.1 V
Fig 19. Output return loss as a function of frequency;
typical values
Fig 20. Output return loss as a function of input
power; typical values
Pi = 45 dBm; VCC =1.8 V.
(1) Tamb = 40 C
(2) Tamb = +25 C
(3) Tamb = +85 C
Tamb = 25 C; VCC =1.8 V.
(1) Pi = 45 dBm
(2) Pi = 30 dBm
(3) Pi = 20 dBm
(4) Pi = 15 dBm
Fig 21. Isolation as a function of frequency;
typical values
Fig 22. Isolation as a function of frequency;
typical values


Similar Part No. - BGU8019

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU8010 NXP-BGU8010 Datasheet
325Kb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-24 December 2013
BGU8011 NXP-BGU8011 Datasheet
331Kb / 19P
   SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS, Galileo and Compass
Rev. 1-14 May 2013
More results

Similar Description - BGU8019

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
logo
STMicroelectronics
STLQ50XX STMICROELECTRONICS-STLQ50XX Datasheet
334Kb / 18P
   50 mA, 3 關A supply current low drop linear regulator
logo
Cynergy3 Co
UF08B CYNERGY3-UF08B Datasheet
692Kb / 1P
   device at a fraction of the cost of other current non-invasive systems
logo
Mallory Sonalert Produc...
PT-2735FPQ MSPI-PT-2735FPQ Datasheet
89Kb / 1P
   Current Consumption Max. (mA) 10 at Rated Voltage
PT-2742FWQ MSPI-PT-2742FWQ Datasheet
91Kb / 1P
   Current Consumption Max. (mA) 8.0 at Rated Voltage
PT-2130FWQ MSPI-PT-2130FWQ Datasheet
90Kb / 1P
   Current Consumption Max. (mA) 12 at Rated Voltage
PT-2735FPLQ MSPI-PT-2735FPLQ Datasheet
94Kb / 1P
   Current Consumption (mA/max) 10 at Rated Voltage
logo
Nisshinbo Micro Devices...
R1517X NISSHINBO-R1517X Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO
logo
Fairchild Semiconductor
FDMS86252 FAIRCHILD-FDMS86252 Datasheet
268Kb / 7P
   Max rDS(on) = 51 m廓 at VGS = 10 V, ID = 4.6 A
logo
Texas Instruments
LMH6703 TI-LMH6703 Datasheet
1Mb / 22P
[Old version datasheet]   Fast slew rate 4500 V/關s, Supply current 11 mA, Output current 90 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com