Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT-LGA-9010 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SBT-LGA-9010
Description  Highly compliant to accommodate wide co-planarity variations
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SBT-LGA-9010 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SBT-LGA-9010 Datasheet HTML 1Page - Ironwood Electronics. SBT-LGA-9010 Datasheet HTML 2Page - Ironwood Electronics. SBT-LGA-9010 Datasheet HTML 3Page - Ironwood Electronics. SBT-LGA-9010 Datasheet HTML 4Page - Ironwood Electronics. SBT-LGA-9010 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
32.50
32.50
25.00
26.00
26.00
0.85
32.50
70.00
70.00
10.10
18.10
7.50
7.50
7.50
7.50
17.90
13.90
8X
3.20 THRU ALL
3X
2.05 THRU ALL
18.55
5.45
2.90
11.25
19.60
19.75
4.75
10.25
32.50
C
1.00
0.50
9.50
1.00
0.6190 typ. (x300)
DETAIL C
SCALE 4 : 1
MOUNTING HOLE
ALIGNMENT HOLE
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 10/28/2015
Material: N/A
Finish: N/A
Weight: 415.59
SBT-LGA-9010 Drawing
SCALE: 1.5:1
SHEET: 2 OF 5
ENG: S. Faiz
FILE: SBT-LGA-9010
DRAWN BY: W. Watson
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com


Similar Part No. - SBT-LGA-9010

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-LGA-9002 IRONWOOD-SBT-LGA-9002 Datasheet
283Kb / 4P
   Excellent signal integrity at high frequencies
SBT-LGA-9003 IRONWOOD-SBT-LGA-9003 Datasheet
276Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9004 IRONWOOD-SBT-LGA-9004 Datasheet
332Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9005 IRONWOOD-SBT-LGA-9005 Datasheet
468Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9006 IRONWOOD-SBT-LGA-9006 Datasheet
342Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - SBT-LGA-9010

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com