Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LF1618 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16LF1618
Description  HIGH-VOLTAGE ICSP PROGRAMMING
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1618 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16LF1618 Datasheet HTML 5Page - Microchip Technology PIC16LF1618 Datasheet HTML 6Page - Microchip Technology PIC16LF1618 Datasheet HTML 7Page - Microchip Technology PIC16LF1618 Datasheet HTML 8Page - Microchip Technology PIC16LF1618 Datasheet HTML 9Page - Microchip Technology PIC16LF1618 Datasheet HTML 10Page - Microchip Technology PIC16LF1618 Datasheet HTML 11Page - Microchip Technology PIC16LF1618 Datasheet HTML 12Page - Microchip Technology PIC16LF1618 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
 2013-2014 Microchip Technology Inc.
Preliminary
DS40001720C-page 9
PIC12(L)F1612/16(L)F161X
3.1
User ID Location
A user may store identification information (user ID) in four designated locations. The user ID locations are mapped to
8000h-8003h. Each location is 14 bits in length. Code protection has no effect on these memory locations. Each location
may be read with code protection enabled or disabled.
3.2
Revision ID
The revision ID word is located at 8005h. This location is read-only and cannot be erased or modified.
Note:
MPLAB® IDE only displays the seven Least Significant bits (LSb) of each user ID location, the upper bits
are not read. It is recommended that only the seven LSbs be used if MPLAB® IDE is the primary tool used
to read these addresses.
REGISTER 3-1:
REVISION ID: REVISION ID REGISTER(1)
RR
R
R
R
R
10
MJRREV5
MJRREV4
MJRREV3
MJRREV2
bit 13
bit 8
RR
R
R
R
R
R
R
MJRREV1
MJRREV0
MNREV5
MNREV4
MNREV3
MNREV2
MNREV1
MNREV0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
‘1’ = Bit is set
‘0’ = Bit is cleared
-n = Value at POR
W = Writable bit
U = Unimplemented bit, read as ‘0’ x = Bit is unknown
bit 13
Reserved: Read as ‘1’
bit 12
Reserved: Read as ‘0’
bit 11-6
MJRREV<5:0>: Major Revision ID bits
bit 5-0
MNREV<5:0>: Minor Revision ID bits
Note
1:
This location cannot be written.


Similar Part No. - PIC16LF1618

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1614 MICROCHIP-PIC16LF1614 Datasheet
5Mb / 584P
   14/20-Pin, 8-Bit Flash Microcontroller
07/14/15
More results

Similar Description - PIC16LF1618

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12LF1571 MICROCHIP-PIC12LF1571 Datasheet
543Kb / 32P
   HIGH-VOLTAGE ICSP PROGRAMMING
11/29/12
PIC16LF18313 MICROCHIP-PIC16LF18313 Datasheet
487Kb / 44P
   HIGH-VOLTAGE ICSP PROGRAMMING
07/14/15
logo
Altera Corporation
EN5336QI ALTERA-EN5336QI Datasheet
471Kb / 15P
   Output Voltage Programming
EN5366QI ALTERA-EN5366QI Datasheet
1Mb / 16P
   External Output Voltage Programming
logo
Lineage Power Corporati...
AN04-005 LINEAGEPOWER-AN04-005 Datasheet
187Kb / 4P
   Margining and Voltage Programming
logo
Agilent(Hewlett-Packard...
U2722A HP-U2722A Datasheet
672Kb / 15P
   Voltage and current programming and readback
logo
Aries Electronics, Inc.
T-680 ARIES-T-680 Datasheet
380Kb / 1P
   Programming Tool
logo
Pepperl+Fuchs Inc.
UC-PROG1-USB PF-UC-PROG1-USB Datasheet
6Mb / 4P
   Programming adapter
logo
Tyco Electronics
2-1437507-0 MACOM-2-1437507-0 Datasheet
181Kb / 1P
   PROGRAMMING PLUG
logo
M-System Co.,Ltd.
PU-2A MSYSTEM-PU-2A Datasheet
98Kb / 2P
   PROGRAMMING UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com