Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA693IDBVT Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA693IDBVT
Description  Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA693IDBVT Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA693IDBVT Datasheet HTML 6Page - Burr-Brown (TI) OPA693IDBVT Datasheet HTML 7Page - Burr-Brown (TI) OPA693IDBVT Datasheet HTML 8Page - Burr-Brown (TI) OPA693IDBVT Datasheet HTML 9Page - Burr-Brown (TI) OPA693IDBVT Datasheet HTML 10Page - Burr-Brown (TI) OPA693IDBVT Datasheet HTML 11Page - Burr-Brown (TI) OPA693IDBVT Datasheet HTML 12Page - Burr-Brown (TI) OPA693IDBVT Datasheet HTML 13Page - Burr-Brown (TI) OPA693IDBVT Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
OPA693
10
SBOS285
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V (Cont.)
At TA = +25°C, G = +2, and RL = 100Ω, unless otherwise specified.
65
60
55
50
45
40
35
30
25
20
Frequency (Hz)
1k
10k
100k
1M
10M
100M
PSRR vs FREQUENCY
+PSRR
–PSRR
Time (50ns/div)
INVERTING OVERDRIVE RECOVERY
6
4
2
0
−2
−4
−6
G =
−1
R
L = 100Ω
See Figure 3
Input
Output
Time (50ns/div)
NONINVERTING OVERDRIVE RECOVERY
6
4
2
0
−2
−4
−6
G = +2
R
L = 100Ω
See Figure 1
Input
Output
150
140
130
120
110
100
15
14
13
12
11
10
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
Supply Current
Right Scale
Left Scale
Sinking Output Current
Sourcing Output Current
5
4
3
2
1
0
−1
−2
−3
−4
−5
−250 −200 −150 −100 −50
0
250
200
150
100
50
I
O (mA)
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
1W Internal
Power
Boundary
1W Internal
Power
Boundary
100
Ω Load Line
50
Ω Load Line
20
Ω Load Line
10
1
0.1
CLOSED-LOOP OUTPUT IMPEDANCE
Frequency (Hz)
10k
100M
100k
1M
10M
OPA693
300
+5V
–5V
300
50
Z
O


Similar Part No. - OPA693IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA693IDBVT TI1-OPA693IDBVT Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA693IDBVTG4 TI1-OPA693IDBVTG4 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results

Similar Description - OPA693IDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com