Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2H200SF Datasheet(PDF) 5 Page - ON Semiconductor

Part # MBR2H200SF
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR2H200SF Datasheet(HTML) 5 Page - ON Semiconductor

  MBR2H200SF Datasheet HTML 1Page - ON Semiconductor MBR2H200SF Datasheet HTML 2Page - ON Semiconductor MBR2H200SF Datasheet HTML 3Page - ON Semiconductor MBR2H200SF Datasheet HTML 4Page - ON Semiconductor MBR2H200SF Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MBR2H200SF
www.onsemi.com
5
PACKAGE DIMENSIONS
SOD−123FL
CASE 498
ISSUE D
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH.
4. DIMENSIONS D AND J ARE TO BE MEASURED ON FLAT SECTION
OF THE LEAD: BETWEEN 0.10 AND 0.25 MM FROM THE LEAD TIP.
D
E
b
A
A1
L
c
POLARITY INDICATOR
OPTIONAL AS NEEDED
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
0.90
0.95
0.98
0.035
INCHES
A1
0.00
0.05
0.10
0.000
b
0.70
0.90
1.10
0.028
c
0.10
0.15
0.20
0.004
D
1.50
1.65
1.80
0.059
E
2.50
2.70
2.90
0.098
L
0.55
0.75
0.95
0.022
0.037
0.039
0.002
0.004
0.035
0.043
0.006
0.008
0.065
0.071
0.106
0.114
0.030
0.037
NOM
MAX
3.40
3.60
3.80
0.134
0.142
0.150
H E
0
°
8
°
0
°
8
°
q
q
q
TOP VIEW
BOTTOM VIEW
SIDE VIEW
HE
2X
2X
END VIEW
RECOMMENDED
DIMENSIONS: MILLIMETERS
1.25
2X
4.20
1.22
2X
12
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MBR2H200SF/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MBR2H200SF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR2H200SFT3G ONSEMI-MBR2H200SFT3G Datasheet
72Kb / 5P
   Surface Mount Schottky Power Rectifier
June, 2014 ??Rev. 0
More results

Similar Description - MBR2H200SF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com