Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA7024JN-20 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PA7024JN-20
Description  Programmable Electrically Erasable Logic Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA7024JN-20 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PA7024JN-20 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA7024JN-20 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA7024JN-20 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA7024JN-20 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA7024JN-20 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA7024JN-20 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
PA7024
Table 1. A.C. Electrical Characteristics Sequential over the operating range
Symbol
Parameter
6,12
-15
-20
I-25
Unit
Min
Max
Min
Max
Min
Max
tSCI
Internal set-up to system clock8 - LCC14
(tAL + tSK + tLC - tCK)
6
9
15
ns
tSCX
Input16 (EXT.) set-up to system clock, - LCC (tIA + tSCI)
811
17ns
tCOI
System-clock to Array Int. - LCC/IOC/INC14 (tCK +tLC)
88
8
ns
tCOX
System-clock to Output Ext. - LCC (tCOI + tLO)
121313
ns
tHX
Input hold time from system clock - LCC
0
0
0
ns
tSK
LCC Input set-up to async. clock13 - LCC
33
4ns
tAK
Clock at LCC or IOC - LCC output
1
1
1
ns
tHK
LCC input hold time from system clock - LCC
4
4
4
ns
tSI
Input set-up to system clock - IOC/INC14 (tSK - tCK)
00
0ns
tHI
Input hold time from system clock - IOC/INC14 (tSK - tCK)
44
4/3
ns
tPK
Array input to IOC PCLK clock
6
7
9
ns
tSPI
Input set-up to PCLK clock18 - IOC/INC (tSK-tPK-tIA)16
00
0ns
tHPI
Input hold from PCLK clock18 - IOC/INC (tPK+tIA-tSK)16
56
7ns
tCK
System-clock delay to LCC/IOCINC
7
7
7
ns
tCW
System-clock low or high pulse width
7
7
8
ns
fMAX1
Max. system-clock frequency Int/Int 1/(tSCI + tCOI)
71.4
58.8
43.5
MHz
fMAX2
Max. system-clock frequency Ext/Int 1/(tSCX + tCOI)
62.5
52.6
40.0
MHz
fMAX3
Max. system-clock frequency Int/Ext 1/(tSCI + tCOX)
55.5
45.5
35.7
MHz
fMAX4
Max. system-clock frequency Ext/Ext 1/(tSCX + tCOX)
50.0
41.6
33.3
MHz
fTGL
Max. system-clock toggle frequency 1/(tCW + tCW)9
71.4
71.4
62.5
MHz
tPR
LCC presents/reset to LCC output
1
1
2
ns
tST
Input to Global Cell present/reset (tIA + tAL + tPR)
121520
ns
tAW
Asynch. preset/reset pulse width
8
8
8
ns
tRT
Input to LCC Reg-Type (RT)
6
8
10
ns
tRTV
LCC Reg-Type to LCC output register change
1
1
2
ns
tRTC
Input to Global Cell register-type change (tRT + tRTV)7
9
12
ns
tRW
Asynch. Reg-Type pulse width
10
10
10
ns
tRESET
Power-on reset time for registers in clear state2
55
5
µs


Similar Part No. - PA7024JN-20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PA70 VISHAY-PA70 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
MTRONPTI
PA7003 MTRONPTI-PA7003 Datasheet
231Kb / 2P
   Suitable for all modulations standards
PA7004 MTRONPTI-PA7004 Datasheet
230Kb / 2P
   Suitable for all modulations standards
PA7006 MTRONPTI-PA7006 Datasheet
179Kb / 2P
   3.8??.2GHz 10W 40dB SOLID STATE POWER AMPLIFIER
logo
List of Unclassifed Man...
PA700A ETC2-PA700A Datasheet
306Kb / 12P
   Wide-Band LTE/Cellular/CDMA SMD Antenna
More results

Similar Description - PA7024JN-20

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PA7572 ANACHIP-PA7572 Datasheet
323Kb / 10P
   Programmable Electrically Erasable Logic Array
PA7536 ANACHIP-PA7536 Datasheet
246Kb / 10P
   PEEL Array-TM Programmable Electrically Erasable Logic Array
PA7540 ANACHIP-PA7540 Datasheet
239Kb / 10P
   PA7540 PEEL Array Programmable Electrically Erasable Logic Array
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com