Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104-P10-10A Datasheet(PDF) 3 Page - ETAL Group

Part # 104-P10-10A
Description  Motors, transformers, solenoids, printed circuit boards, hand-held machines and appliances, marine applications, caravans.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

104-P10-10A Datasheet(HTML) 3 Page - ETAL Group

  104-P10-10A Datasheet HTML 1Page - ETAL Group 104-P10-10A Datasheet HTML 2Page - ETAL Group 104-P10-10A Datasheet HTML 3Page - ETAL Group 104-P10-10A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.e-t-a.de
3
Thermal Overcurrent Circuit Breakers 104/105/106-...
1628
1
Thermal Overcurrent Circuit Breakers 104/105/106-...
Dimensions
106-P30
7...10 A
SW14
3/8-27UNS-2A
tightening torque max. 0.8 Nm
ø4
19
11
blade terminals
DIN 46244-A2.8-0.8
(QC .110)
15.7
9
.157
.748
.433
.618
.354
mounting hole
9.6
- 0.1
.378
- .004
.551
106-P30
106-M2
3/8-27UNS-2A
tightening torque max. 0.8 Nm
mounting hole
9.6
- 0.1
.378
- .004
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Terminal design
blade terminals
DIN 46244-A6.3-0.8
(QC .250)
0.05...6 A
7...10 A
6.3
polarizing tooth
.248
104/105/106-P10
Internal connection diagrams
1
2
Types 104
105
106
Installation drawings
mounting area
mounting area
operating area
8
.315
mounting area
operating area
8
104-…
105-…
106-…
.315
operating area
8
.315
8
.315
8
.315
8
.315


Similar Part No. - 104-P10-10A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
logo
ADL Embedded Solutions
104-PWR-500A ADL-104-PWR-500A Datasheet
294Kb / 2P
   PC/104 - Peripherals
104-PWR-512A ADL-104-PWR-512A Datasheet
323Kb / 2P
   PC/104 Peripherals
104-PWR-512A-12 ADL-104-PWR-512A-12 Datasheet
323Kb / 2P
   PC/104 Peripherals
104-PWR-512A-24 ADL-104-PWR-512A-24 Datasheet
323Kb / 2P
   PC/104 Peripherals
More results

Similar Description - 104-P10-10A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
1410-F110-P1-F1-W14Q ETAL-1410-F110-P1-F1-W14Q Datasheet
191Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1 ETAL-1410-L110-L1F1 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L210-L2F1 ETAL-1410-L210-L2F1_16 Datasheet
255Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1-S01 ETAL-1410-L110-L1F1-S01 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation.
1110-F112-P1M1 ETAL-1110-F112-P1M1 Datasheet
179Kb / 2P
   Motors, transformers, solenoids, extra low voltage systems, household and office machines, instrumentation, marine applications, mobile homes
4130-G211 ETAL-4130-G211 Datasheet
166Kb / 2P
   Motors, transformers, solenoids, battery chargers, power supplies, appliances, machinery, extra low voltage systems
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
   Motors, transformers, solenoids, controls for oil and gas boilers
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
3130-F ETAL-3130-F Datasheet
269Kb / 6P
   Motors, transformers, solenoids, household and office machines, electrical tools, mobile homes, boating, construction vehicles, medical equipment to EN 60601
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com