Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104-PR-PR3-10A Datasheet(PDF) 2 Page - ETAL Group

Part # 104-PR-PR3-10A
Description  Motors, transformers, solenoids, printed circuit boards, hand-held machines and appliances, marine applications, caravans.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

104-PR-PR3-10A Datasheet(HTML) 2 Page - ETAL Group

  104-PR-PR3-10A Datasheet HTML 1Page - ETAL Group 104-PR-PR3-10A Datasheet HTML 2Page - ETAL Group 104-PR-PR3-10A Datasheet HTML 3Page - ETAL Group 104-PR-PR3-10A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.e-t-a.de
2
Thermal Overcurrent Circuit Breakers 104/105/106-...
1628
1
Dimensions
104-P30
hole for mounting
screw M2 usable depth
4.5 mm (.177 in.)
ø4
.157
cut-out dimensions
6.5
9
19
ø7
blade terminals
DIN 46244-A2.8-0.8
(QC .110)
6.5
104-P30
7...10 A
.276
.256
.256
.354
.748
PCB mounting holes
hole for mounting screw M2x5
7...10 A
0.05...6 A
.047
.035
.047
.303
.606
.213
.303
.213
.157
7...10 A
.031
.606
.157
6.5
.358
.756
ø4
.276
15.4
ø7
.157
1.2
0.9
.256
9.1
19.2
4
0.8
1.2
4
5.4
7.7
15.4
7.7
5.4
104-PR
104-PR3
0.05...6 A
.315±.008
ø4
1
0.8
9.1
17.5
21
0.5
8±0.2
17.5
0.5
9.5
terminal design for
correct stand-off distances
104-PR
104-PR-A3
0.05...6 A
104-PR
7...10 A
19.2
12
3
9.5
12
ø1.5
.157
.020
.020
.059
.374
.374
.689
.039
.031
.358
.689
.756
.827
PCB mounting holes
8±0.2
.315±.008
11
19
ø4
.157
.433
.157
.748
25
12
.472
.984
panel cut-out
a
105-P3
07...10 A
105-P30
blade terminals
DIN 46244-A2.8-0.8
(QC .110)
0.8
1.0
1.5
2-3
21.9
22
22.1
22.2
b
11.3 +0.3
d
a
.031
.039
.059
.079-.118
.862
.866
.870
.874
mm
inchmm
inch
.445 +.012
ø7
.276
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 104-PR-PR3-10A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
104-PHL-ST VISHAY-104-PHL-ST Datasheet
123Kb / 8P
   Aluminum Electrolytic Capacitors Power High Ripple Current Long Life Screw Terminals
Revision: 17-Oct-16
logo
ADL Embedded Solutions
104-PWR-500A ADL-104-PWR-500A Datasheet
294Kb / 2P
   PC/104 - Peripherals
104-PWR-512A ADL-104-PWR-512A Datasheet
323Kb / 2P
   PC/104 Peripherals
104-PWR-512A-12 ADL-104-PWR-512A-12 Datasheet
323Kb / 2P
   PC/104 Peripherals
104-PWR-512A-24 ADL-104-PWR-512A-24 Datasheet
323Kb / 2P
   PC/104 Peripherals
More results

Similar Description - 104-PR-PR3-10A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
1410-F110-P1-F1-W14Q ETAL-1410-F110-P1-F1-W14Q Datasheet
191Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1 ETAL-1410-L110-L1F1 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L210-L2F1 ETAL-1410-L210-L2F1_16 Datasheet
255Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
1410-L110-L1F1-S01 ETAL-1410-L110-L1F1-S01 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation.
1110-F112-P1M1 ETAL-1110-F112-P1M1 Datasheet
179Kb / 2P
   Motors, transformers, solenoids, extra low voltage systems, household and office machines, instrumentation, marine applications, mobile homes
4130-G211 ETAL-4130-G211 Datasheet
166Kb / 2P
   Motors, transformers, solenoids, battery chargers, power supplies, appliances, machinery, extra low voltage systems
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
   Motors, transformers, solenoids, controls for oil and gas boilers
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
3130-F ETAL-3130-F Datasheet
269Kb / 6P
   Motors, transformers, solenoids, household and office machines, electrical tools, mobile homes, boating, construction vehicles, medical equipment to EN 60601
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com