Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

157K10-KF-0.08A Datasheet(PDF) 3 Page - ETAL Group

Part # 157K10-KF-0.08A
Description  Motors, transformers, solenoids, extra low voltage wiring systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

157K10-KF-0.08A Datasheet(HTML) 3 Page - ETAL Group

  157K10-KF-0.08A Datasheet HTML 1Page - ETAL Group 157K10-KF-0.08A Datasheet HTML 2Page - ETAL Group 157K10-KF-0.08A Datasheet HTML 3Page - ETAL Group 157K10-KF-0.08A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.e-t-a.de
3
Thermal Overcurrent Circuit Breaker 157
1646
1
Thermal Overcurrent Circuit Breaker 157
Connector bus links -P10
X 210 588 01/ 1.5 mm2 (AWG 16), brown (up to 13 A max. load)
X 210 588 02/ 2.5 mm2 (AWG 14), black (up to 20 A max. load)
X 210 588 03/ 2.5 mm2 (AWG 14), red (up to 20 A max. load)
X 210 588 04/ 2.5 mm2 (AWG 14), blue (up to 20 A max. load)
Mounting sockets
10F-P10 (up to 16 A max. load)
10F-K10 (up to 20 A max. load)
10F-A10 (up to 16 A max. load)
Accessories for sockets (up to 20 A max. load)
2-way bus bar
Y 301 166 02 4-way bar Y 301 166 01
Connector bus links -K10
X 210 589 01/ 2.5 mm2 (AWG 14), black (up to 20 A max. load)
X 210 589 02/ 1.5 mm2 (AWG 16), brown (up to 13 A max. load)
100 quick-connect tabs 6.3 (.250)
DIN 46247 tinned brass,
insulated
50 pin lugs to DIN 46230
tinned copper
ø2.5
.099
22.9
4.2
7.9
15
15
15
15
52.9
.165
.311
.591
.902
.591 .591 .591
2.08
2.95
blade terminals DIN 46244-A6.3-0.8 (QC .250)
8
.315
75
1
45
wire cross sectional areas
2 x max. 2.5 mm2 (AWG 14) stranded
2 x max. 4 mm2 (AWG 12) solid
1
30
7.5
15
75
12
13
6
7
.591
.296
.039
.039
1.77
.236
.472
.276
.512
1.18
blade terminals DIN 46244-A6.3-0.8 (QC .250)
8
7
.315
.276
wire cross sectional areas
2 x max. 2.5 mm2 (AWG 14) stranded
2 x max. 4 mm2 (AWG 12) solid
thickness = 0.8 mm
.031 in.
Front panel water splash cover, transparent Y 300 538 01
and knurled nut Y 300 628 01
X 200 799 01 (bonded to nut) (IP64)
Front panel water splash cover, transparent
with special knurled nut
X 200 798 02 (bonded to nut) (IP64)
3/8-27 UNS-2B
3/8-27 UNS-2B
3/8-27 UNS-2B
Splash cover (black) with hex nut (IP64)
X 210 739 01
ø15
3
3/8-27UNS-2B
Knurled nut 3/8"
plastic (standard)
Y 307 117 02
.118
.591
Accessories
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.


Similar Part No. - 157K10-KF-0.08A

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157KBM035M ILLINOISCAPACITOR-157KBM035M Datasheet
134Kb / 1P
   Radial Lead High Frequency / Low Impedance
157KBM050M ILLINOISCAPACITOR-157KBM050M Datasheet
109Kb / 1P
   Radial Lead High Frequency / Low Impedance
157KFM160MKAG ILLINOISCAPACITOR-157KFM160MKAG Datasheet
207Kb / 4P
   High Frequency Low Impedance/ESR,8000 to 10000 hours
157KFM160MKAG ILLINOISCAPACITOR-157KFM160MKAG Datasheet
201Kb / 4P
   High temperature - High voltage ??Long Life (10k Hrs)
157KFM160MKAG ILLINOISCAPACITOR-157KFM160MKAG Datasheet
109Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 157K10-KF-0.08A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
127-P10-H-KF ETAL-127-P10-H-KF Datasheet
262Kb / 4P
   Motors, transformers, solenoids, battery chargers, extra low voltage systems
2-6500 ETAL-2-6500 Datasheet
134Kb / 2P
   Motors, transformers, extra low voltage wiring
4130-G211 ETAL-4130-G211 Datasheet
166Kb / 2P
   Motors, transformers, solenoids, battery chargers, power supplies, appliances, machinery, extra low voltage systems
1110-F112-P1M1 ETAL-1110-F112-P1M1 Datasheet
179Kb / 2P
   Motors, transformers, solenoids, extra low voltage systems, household and office machines, instrumentation, marine applications, mobile homes
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
1620-1 ETAL-1620-1 Datasheet
229Kb / 2P
   Protection of electrical systems of passenger cars, trucks, buses, watercraft, extra low voltage wiring systems
1626-1 ETAL-1626-1 Datasheet
231Kb / 2P
   Protection of electrical systems of passenger cars, trucks, buses, watercraft, extra low voltage wiring systems
1410-L110-L1F1 ETAL-1410-L110-L1F1 Datasheet
153Kb / 2P
   Motors, transformers, solenoids, PCBs, hand-held machines, appliances, instrumentation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com