Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14073BCP Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC14073BCP
Description  B-Suffix Series CMOS Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14073BCP Datasheet(HTML) 3 Page - Motorola, Inc

  MC14073BCP Datasheet HTML 1Page - Motorola, Inc MC14073BCP Datasheet HTML 2Page - Motorola, Inc MC14073BCP Datasheet HTML 3Page - Motorola, Inc MC14073BCP Datasheet HTML 4Page - Motorola, Inc MC14073BCP Datasheet HTML 5Page - Motorola, Inc MC14073BCP Datasheet HTML 6Page - Motorola, Inc MC14073BCP Datasheet HTML 7Page - Motorola, Inc MC14073BCP Datasheet HTML 8Page - Motorola, Inc MC14073BCP Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MOTOROLA CMOS LOGIC DATA
9
MC14001B
PIN ASSIGNMENTS
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
IN 2B
IN 3B
IN 4B
OUTB
VDD
NC
IN 1B
IN 3A
IN 2A
IN 1A
OUTA
VSS
NC
IN 4A
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
IN 2B
IN 3B
IN 4B
OUTB
VDD
NC
IN 1B
IN 3A
IN 2A
IN 1A
OUTA
VSS
NC
IN 4A
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
IN 1C
IN 2C
IN 3C
VDD
IN 3A
OUTA
IN 2B
IN 1B
IN 2A
IN 1A
VSS
OUTB
IN 3B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
IN 1C
IN 2C
IN 3C
VDD
IN 3A
OUTA
IN 2B
IN 1B
IN 2A
IN 1A
VSS
OUTB
IN 3B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
IN 6
IN 7
IN 8
OUT
VDD
NC
IN 5
IN 3
IN 2
IN 1
NC
VSS
NC
IN 4
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
IN 2B
IN 3B
IN 4B
OUTB
VDD
NC
IN 1B
IN 3A
IN 2A
IN 1A
OUTA
VSS
NC
IN 4A
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
IN 1C
IN 2C
IN 3C
VDD
IN 3A
OUTA
IN 2B
IN 1B
IN 2A
IN 1A
VSS
OUTB
IN 3B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
IN 6
IN 7
IN 8
OUT
VDD
NC
IN 5
IN 3
IN 2
IN 1
NC
VSS
NC
IN 4
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
IN 1C
IN 2C
IN 3C
VDD
IN 3A
OUTA
IN 2B
IN 1B
IN 2A
IN 1A
VSS
OUTB
IN 3B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OUTC
OUTD
IN 1D
IN 2D
VDD
IN 1C
IN 2C
OUTB
OUTA
IN 2A
IN 1A
VSS
IN 2B
IN 1B
11
12
13
14
8
9
10
5
4
3
2
1
7
6
IN 2B
IN 3B
IN 4B
OUTB
VDD
NC
IN 1B
IN 3A
IN 2A
IN 1A
OUTA
VSS
NC
IN 4A
NC = NO CONNECTION
MC14012B
Dual 4–Input NAND Gate
MC14023B
Triple 3–Input NAND Gate
MC14001B
Quad 2–Input NOR Gate
MC14002B
Dual 4–Input NOR Gate
MC14011B
Quad 2–Input NAND Gate
MC14078B
8–Input NOR Gate
MC14082B
Dual 4–Input AND Gate
MC14081B
Quad 2–Input AND Gate
MC14025B
Triple 3–Input NOR Gate
MC14068B
8–Input NAND Gate
MC14071B
Quad 2–Input OR Gate
MC14072B
Dual 4–Input OR Gate
MC14073B
Triple 3–Input AND Gate
MC14075B
Triple 3–Input OR Gate


Similar Part No. - MC14073BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14073BCP ONSEMI-MC14073BCP Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14073BCP ONSEMI-MC14073BCP Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14073BCPG ONSEMI-MC14073BCPG Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14073BCPG ONSEMI-MC14073BCPG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
More results

Similar Description - MC14073BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14001B ONSEMI-MC14001B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UB ONSEMI-MC14001UB Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001B ONSEMI-MC14001B_06 Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com