Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14023BCL Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC14023BCL
Description  B-Suffix Series CMOS Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14023BCL Datasheet(HTML) 4 Page - Motorola, Inc

  MC14023BCL Datasheet HTML 1Page - Motorola, Inc MC14023BCL Datasheet HTML 2Page - Motorola, Inc MC14023BCL Datasheet HTML 3Page - Motorola, Inc MC14023BCL Datasheet HTML 4Page - Motorola, Inc MC14023BCL Datasheet HTML 5Page - Motorola, Inc MC14023BCL Datasheet HTML 6Page - Motorola, Inc MC14023BCL Datasheet HTML 7Page - Motorola, Inc MC14023BCL Datasheet HTML 8Page - Motorola, Inc MC14023BCL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MOTOROLA CMOS LOGIC DATA
MC14001B
10
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
– 55
_C
25
_C
125
_C
Unit
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ #
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
0.25
0.5
1.0
0.0005
0.0010
0.0015
0.25
0.5
1.0
7.5
15
30
µAdc
Total Supply Current**†
(Dynamic plus Quiescent,
Per Gate, CL = 50 pF)
IT
5.0
10
15
IT = (0.3 µA/kHz) f + IDD/N
IT = (0.6 µA/kHz) f + IDD/N
IT = (0.9 µA/kHz) f + IDD/N
µAdc
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
** The formulas given are for the typical characteristics only at 25
_C.
†To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.001 x the number of exercised gates per
package.


Similar Part No. - MC14023BCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14023BCP ONSEMI-MC14023BCP Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14023BCP ONSEMI-MC14023BCP Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14023BCPG ONSEMI-MC14023BCPG Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14023BCPG ONSEMI-MC14023BCPG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
More results

Similar Description - MC14023BCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14001B ONSEMI-MC14001B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UB ONSEMI-MC14001UB Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001B ONSEMI-MC14001B_06 Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com