Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A758KS687M0GAAE014 Datasheet(PDF) 10 Page - Kemet Corporation

Part # A758KS687M0GAAE014
Description  Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A758KS687M0GAAE014 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button A758KS687M0GAAE014 Datasheet HTML 6Page - Kemet Corporation A758KS687M0GAAE014 Datasheet HTML 7Page - Kemet Corporation A758KS687M0GAAE014 Datasheet HTML 8Page - Kemet Corporation A758KS687M0GAAE014 Datasheet HTML 9Page - Kemet Corporation A758KS687M0GAAE014 Datasheet HTML 10Page - Kemet Corporation A758KS687M0GAAE014 Datasheet HTML 11Page - Kemet Corporation A758KS687M0GAAE014 Datasheet HTML 12Page - Kemet Corporation A758KS687M0GAAE014 Datasheet HTML 13Page - Kemet Corporation A758KS687M0GAAE014 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4069_A758 • 7/13/2016
Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A758 Series, 105°C
Construction
Detailed Cross Section
Margin
Rubber Seal
Terminal Tabs
Lead
Terminal Tab
Aluminum Can
Anode Aluminum Foil, Etched,
Covered with Aluminum Oxide
(Second Layer)
Cathode Aluminum
Foil, Etched
(Fourth Layer)
Paper Spacer with Solid
Polymer Electrolyte
(First Layer)
Paper Spacer with Solid
Polymer Electrolyte
(Third Layer)
Rubber Seal
Aluminum Can
Lead (+)
Lead (−)


Similar Part No. - A758KS687M0GAAE014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A758KK108M0EAAE015 KEMET-A758KK108M0EAAE015 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A758, 1000 uF, 20%, 2.5 V, -55/105C, Lead Spacing = 3.5mm
A758KK128M0EAAE014 KEMET-A758KK128M0EAAE014 Datasheet
61Kb / 1P
   Capacitor, Aluminum, 1200 uF, /-20% Tol, -55/105C, 2.5 VDC@105C
A758KK157M1CAAE015 KEMET-A758KK157M1CAAE015 Datasheet
61Kb / 1P
   Polymer Aluminum, 105C LowZ, A758, 150 uF, 20%, 16 V, -55/105C, Lead Spacing = 3.5mm
A758KK187M1CAAE014 KEMET-A758KK187M1CAAE014 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 180 uF, /-20% Tol, -55/105C, 16 VDC 105C
A758KK227M1AAAE014 KEMET-A758KK227M1AAAE014 Datasheet
62Kb / 1P
   Capacitor, Aluminum, 220 uF, /-20% Tol, -55/105C, 10 VDC@105C
More results

Similar Description - A758KS687M0GAAE014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A759BQ106M1VAAE090 KEMET-A759BQ106M1VAAE090 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A755KS687M0EAAE014 KEMET-A755KS687M0EAAE014 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A758EK337M0EAAE018 KEMET-A758EK337M0EAAE018 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
A750EK567M0EAAE020 KEMET-A750EK567M0EAAE020 Datasheet
5Mb / 16P
   Single-Ended Conductive Polymer Aluminum Solid Electrolytic Capacitors
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com