Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A759BQ226M1HAAE075 Datasheet(PDF) 1 Page - Kemet Corporation

Part # A759BQ226M1HAAE075
Description  Single Ended, Polymer Aluminum
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

A759BQ226M1HAAE075 Datasheet(HTML) 1 Page - Kemet Corporation

  A759BQ226M1HAAE075 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 5f9ec6ca-2d17-42af-aa8e-9f53c24d9b3a
KEMET Part Number: A759BQ226M1HAAE075
Polymer Aluminum, 125C LowZ, A759, 22 uF, 20%, 50 V, -55/+125C, 11mm, Lead Spacing = 2mm
Dimensions
D
5mm +/-0.5mm
L
11mm +/-1mm
S
2mm +/-0.5mm
LL Negative
15mm MIN
LL Positive
19mm MIN
F
0.5mm +/-0.5mm
Packaging Specifications
Packaging: Bulk, Bag
General Information
Dielectric: Polymer Aluminum
Series: A759
Description: Single Ended, Polymer
Aluminum
RoHS: Yes
Lead: Wire Leads
Specifications
Capacitance: 22 uF
Capacitance Tolerance: 20%
Voltage DC: 50 VDC, 57.5 VDC (Surge)
Temperature Range: -55/+125C
Rated Temperature: 125C
Life:
2000 Hrs (+/-20% Initial
Capacitance, 1.5x DF MAX,
Leakage Within Limit)
Dissipation Factor: 12% 120Hz 20C
Resistance: 75 mOhms (100kHz 20C)
Current: 560 mAmps (100kHz 105C), 310
mAmps (100kHz 125C)
Impedance Ratio at -25C: 1.25
Impedance Ratio at -55C: 1.25
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - A759BQ226M1HAAE075

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A759BQ226M1VAAE080 KEMET-A759BQ226M1VAAE080 Datasheet
62Kb / 1P
   Polymer Aluminum, 125C LowZ, A759, 22 uF, 20%, 35 V, -55/125C, Lead Spacing = 2mm
More results

Similar Description - A759BQ226M1HAAE075

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A759KS106M2CAAE110 KEMET-A759KS106M2CAAE110 Datasheet
61Kb / 1P
   Single Ended, Polymer Aluminum
A759MS686M1HAAE032 KEMET-A759MS686M1HAAE032 Datasheet
61Kb / 1P
   Single Ended, Polymer Aluminum
A759MS157M1VAAE030 KEMET-A759MS157M1VAAE030 Datasheet
60Kb / 1P
   Single Ended, Polymer Aluminum
A759MS226M2AAAE045 KEMET-A759MS226M2AAAE045 Datasheet
60Kb / 1P
   Single Ended, Polymer Aluminum
A758EK477M0JAAE015 KEMET-A758EK477M0JAAE015 Datasheet
71Kb / 1P
   Single Ended, Polymer Aluminum
A758KK687M0GAAE016 KEMET-A758KK687M0GAAE016 Datasheet
61Kb / 1P
   Single Ended, Polymer Aluminum
A758EK107M1AAAE016 KEMET-A758EK107M1AAAE016 Datasheet
60Kb / 1P
   Single Ended, Polymer Aluminum
A755KS277M1AAAE015 KEMET-A755KS277M1AAAE015 Datasheet
60Kb / 1P
   Single Ended, Polymer Aluminum
A759KS476M1JAAE068 KEMET-A759KS476M1JAAE068 Datasheet
61Kb / 1P
   Single Ended, Polymer Aluminum
A759MX447M1HAAE028 KEMET-A759MX447M1HAAE028 Datasheet
61Kb / 1P
   Single Ended, Polymer Aluminum
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com