Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA191 Datasheet(PDF) 19 Page - Texas Instruments

Part # OPA191
Description  Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA191 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA191_17 Datasheet HTML 15Page - Texas Instruments OPA191_17 Datasheet HTML 16Page - Texas Instruments OPA191_17 Datasheet HTML 17Page - Texas Instruments OPA191_17 Datasheet HTML 18Page - Texas Instruments OPA191_17 Datasheet HTML 19Page - Texas Instruments OPA191_17 Datasheet HTML 20Page - Texas Instruments OPA191_17 Datasheet HTML 21Page - Texas Instruments OPA191_17 Datasheet HTML 22Page - Texas Instruments OPA191_17 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Time (10 µs/div)
C017
Overdrive = 100 mV
V
OUT Voltage
t
pHL = 26 µs
0
5
10
15
20
25
30
35
100
1k
10k
100k
1M
10M
Frequency (Hz)
C001
Maximum output voltage without
slew-rate induced distortion.
V
S = ±15 V
V
S = ±4 V
V
S = ±2.25 V
Time (10 µs/div)
C017
Overdrive = 100 mV
V
OUT Voltage
t
pLH = 26 µs
0
20
40
60
80
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
I
SC, Sink
I
SC, Source
Time (500 ns/div)
0.01% settling = r500 PV
19
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701A – DECEMEBER 2015 – REVISED APRIL 2016
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
At TA = 25°C, VS = ±18 V, VCM = VS / 2, RL = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Gain = 1, 5-V step, falling, step applied at t = 0 µs
Figure 43. 0.01% Settling Time
Figure 44. Short-Circuit Current vs Temperature
Figure 45. Maximum Output Voltage vs Frequency
Figure 46. Propagation Delay Rising Edge
Figure 47. Propagation Delay Falling Edge


Similar Part No. - OPA191_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191 TI1-OPA191_16 Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
More results

Similar Description - OPA191_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191_0017 TI1-OPA191_0017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_00017 TI1-OPA191_00017 Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_017 TI1-OPA191_017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V01 Datasheet
3Mb / 53P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V02 Datasheet
3Mb / 56P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V03 Datasheet
3Mb / 57P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V04 Datasheet
4Mb / 59P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
REVISED AUGUST 2021
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com