Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA191 Datasheet(PDF) 20 Page - Texas Instruments

Part # OPA191
Description  Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA191 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA191_17 Datasheet HTML 16Page - Texas Instruments OPA191_17 Datasheet HTML 17Page - Texas Instruments OPA191_17 Datasheet HTML 18Page - Texas Instruments OPA191_17 Datasheet HTML 19Page - Texas Instruments OPA191_17 Datasheet HTML 20Page - Texas Instruments OPA191_17 Datasheet HTML 21Page - Texas Instruments OPA191_17 Datasheet HTML 22Page - Texas Instruments OPA191_17 Datasheet HTML 23Page - Texas Instruments OPA191_17 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Temperature (qC)
Offset Voltage vs Temperature
-50
-25
0
25
50
75
100
125
150
-100
-75
-50
-25
0
25
50
75
100
Temperature
VOS Before e-trim
VOS After e-trim
Linear component of drift
Linear component of drift
20
OPA191, OPA2191, OPA4191
SBOS701A – DECEMEBER 2015 – REVISED APRIL 2016
www.ti.com
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7 Parameter Measurement Information
7.1 Input Offset Voltage Drift
The OPAx191 family of operational amplifiers is manufactured using TI’s e-trim technology. The e-trim
technology is a TI proprietary method of trimming internal device parameters during either wafer probing or final
testing. Each amplifier input offset voltage and input offset voltage drift is trimmed in production, thereby
minimizing errors associated with input offset voltage and input offset voltage drift. When trimming input offset
voltage drift, the systematic or linear drift error on each device is trimmed to zero. Figure 48 illustrates this
concept.
Figure 48. Input Offset Before and After Drift Trim
A common method of specifying input offset voltage drift is the box method. The box method estimates a
maximum input offset drift by bounding an offset voltage versus temperature curve with a box and using the
corners of this bounding box to determine the drift. The slope of the line connecting the diagonal corners of the
box corresponds to the input offset voltage drift. Figure 49 illustrates the box method concept. The box method
works particularly well when the input offset drift is dominated by the linear component of drift, but because the
OPA191 family uses TI’s e-trim technology to remove the linear component input offset voltage drift, the box
method is not a particularly useful method of accurately performing an error analysis. Shown in Figure 49 are 30
typical units of OPAx191 with the box method superimposed for illustrative purposes. The boundaries of the box
are determined by the specified temperature range along the x-axis and the maximum specified input offset
voltage across that same temperature range along the y-axis. Using the box method predicts an input offset
voltage drift of 0.9 µV/°C. As shown in Figure 49, the slopes of the actual input offset voltage versus temperature
are much less than that predicted by the box method. The box method predicts a pessimistic value for the
maximum input offset voltage drift and is not recommended when performing an error analysis.
Figure 49. The Box Method


Similar Part No. - OPA191_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191 TI1-OPA191_16 Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
More results

Similar Description - OPA191_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191_0017 TI1-OPA191_0017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_00017 TI1-OPA191_00017 Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_017 TI1-OPA191_017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V01 Datasheet
3Mb / 53P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V02 Datasheet
3Mb / 56P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V03 Datasheet
3Mb / 57P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V04 Datasheet
4Mb / 59P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
REVISED AUGUST 2021
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com