Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA191 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA191
Description  Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA191 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA191_17 Datasheet HTML 17Page - Texas Instruments OPA191_17 Datasheet HTML 18Page - Texas Instruments OPA191_17 Datasheet HTML 19Page - Texas Instruments OPA191_17 Datasheet HTML 20Page - Texas Instruments OPA191_17 Datasheet HTML 21Page - Texas Instruments OPA191_17 Datasheet HTML 22Page - Texas Instruments OPA191_17 Datasheet HTML 23Page - Texas Instruments OPA191_17 Datasheet HTML 24Page - Texas Instruments OPA191_17 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
-1.2
-0.9
-0.6
-0.3
0
0.3
0.6
0.9
1.2
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
1
-1
-3 1
+3 1
21
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701A – DECEMEBER 2015 – REVISED APRIL 2016
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Input Offset Voltage Drift (continued)
Instead of the box method, a convenient way to illustrate input offset drift is to compute the slopes of the input
offset voltage versus temperature curve. This is the same as computing the input offset drift at each point along
the input offset voltage versus temperature curve. The results for the OPAx191 family are illustrated in Figure 50.
Figure 50. Input Offset Voltage Drift vs Temperature
(SOIC Package)
As illustrated in Figure 50, the input offset drift is typically less than ±0.3 µV/°C over the range from –40°C to
+125°C. When performing an error analysis over the full specified temperature range, use the typical and
maximum values for input offset voltage drift as described in the Electrical Characteristics tables. If a reduced
temperature range is applicable, use the information illustrated in Figure 50 when performing an error analysis.
To determine the change in input offset voltage, use Equation 1:
ΔVOS = ΔT × dVOS/dT
where
ΔVOS = Change in input offset voltage
ΔT = Change in temperature
dVOS/dT = Input offset voltage drift
(1)
For example, determine the amount of OPA191ID input offset voltage change over the temperature range of
25°C to 75°C for 1
σ (68%) of the units. As shown in Figure 50, the input offset drift is typically 0.25 µV/°C. This
input offset drift results in a typical input offset voltage change of (75°C – 25°C) × 0.25 µV/°C = 12.5 µV.
For 3
σ (99.7%) of the units, Figure 50 shows a typical input offset drift of approximately 0.75 µV/°C. This input
offset drift results in a typical input offset voltage change of (75°C – 25°C) × 0.75 µV/°C = 37.5 µV.


Similar Part No. - OPA191_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191 TI1-OPA191_16 Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
More results

Similar Description - OPA191_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191_0017 TI1-OPA191_0017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_00017 TI1-OPA191_00017 Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_017 TI1-OPA191_017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V01 Datasheet
3Mb / 53P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V02 Datasheet
3Mb / 56P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V03 Datasheet
3Mb / 57P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V04 Datasheet
4Mb / 59P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
REVISED AUGUST 2021
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com