Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C107K9PACTU Datasheet(PDF) 7 Page - Kemet Corporation

Part # C1210C107K9PACTU
Description  X5R Dielectric, 4 ??50 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C107K9PACTU Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C1210C107K9PACTU Datasheet HTML 3Page - Kemet Corporation C1210C107K9PACTU Datasheet HTML 4Page - Kemet Corporation C1210C107K9PACTU Datasheet HTML 5Page - Kemet Corporation C1210C107K9PACTU Datasheet HTML 6Page - Kemet Corporation C1210C107K9PACTU Datasheet HTML 7Page - Kemet Corporation C1210C107K9PACTU Datasheet HTML 8Page - Kemet Corporation C1210C107K9PACTU Datasheet HTML 9Page - Kemet Corporation C1210C107K9PACTU Datasheet HTML 10Page - Kemet Corporation C1210C107K9PACTU Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1006_X5R_SMD • 2/29/2016
7
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – X5R Dielectric, 4 – 50 VDC (Commercial Grade)
Table 2A – Chip Thickness/Tape & Reel Packaging Quantities
Thickness
Code
Case
Size1
Thickness ±
Range (mm)
Paper Quantity1
Plastic Quantity
7" Reel
13" Reel
7" Reel
13" Reel
AB
0201
0.30±0.03
15,000
0
0
0
BB
0402
0.50±0.05
10,000
50,000
0
0
BE
0402
0.50±0.15
10,000
50,000
0
0
BF
0402
0.50±0.20
10,000
50,000
0
0
CG
0603
0.80±0.10*
4,000
15,000
0
0
CJ
0603
0.80±0.15*
4,000
15,000
0
0
DN
0805
0.78±0.10*
4,000
15,000
0
0
DP
0805
0.90±0.10*
4,000
15,000
0
0
DL
0805
0.95±0.10
0
0
4,000
10,000
DE
0805
1.00±0.10
0
0
2,500
10,000
DF
0805
1.10±0.10
0
0
2,500
10,000
DG
0805
1.25±0.15
0
0
2,500
10,000
DH
0805
1.25±0.20
0
0
2,500
10,000
EB
1206
0.78±0.10
4,000
10,000
4,000
10,000
EK
1206
0.80±0.10
0
0
2,000
8,000
EC
1206
0.90±0.10
0
0
4,000
10,000
ED
1206
1.00±0.10
0
0
2,500
10,000
EE
1206
1.10±0.10
0
0
2,500
10,000
EF
1206
1.20±0.15
0
0
2,500
10,000
EP
1206
1.20±0.20
0
0
2,500
10,000
EH
1206
1.60±0.20
0
0
2,000
8,000
FD
1210
0.95±0.10
0
0
4,000
10,000
FE
1210
1.00±0.10
0
0
2,500
10,000
FF
1210
1.10±0.10
0
0
2,500
10,000
FG
1210
1.25±0.15
0
0
2,500
10,000
FH
1210
1.55±0.15
0
0
2,000
8,000
FJ
1210
1.85±0.20
0
0
2,000
8,000
FT
1210
1.90±0.20
0
0
2,000
8,000
FK
1210
2.10±0.20
0
0
2,000
8,000
FS
1210
2.50±0.30
0
0
1,000
4,000
GK
1812
1.60±0.20
0
0
1,000
4,000
Thickness
Code
Case
Size1
Thickness ±
Range (mm)
7" Reel
13" Reel
7" Reel
13" Reel
Paper Quantity1
Plastic Quantity
Package quantity based on finished chip thickness specifications.
1
If ordering using the 2 mm Tape and Reel pitch option, the packaging quantity outlined in the table above will be doubled. This option is limited to EIA 0603 (1608 metric)
case size devices. For more information regarding 2 mm pitch option see “Tape & Reel Packaging Information”.


Similar Part No. - C1210C107K9PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C107M4PACTU KEMET-C1210C107M4PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 uF, 20%, 16 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C107M4PACTU KEMET-C1210C107M4PACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 uF, 20%, 16 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C107M8PACTU KEMET-C1210C107M8PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 uF, 20%, 10 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C107M8PACTU KEMET-C1210C107M8PACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 uF, 20%, 10 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C107M9PAC KEMET-C1210C107M9PAC Datasheet
133Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
More results

Similar Description - C1210C107K9PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C476M9PACTU KEMET-C0805C476M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C684K4PACTU KEMET-C0603C684K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C474K4PACTU KEMET-C0603C474K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C105K4PACTU KEMET-C0603C105K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C1825C225M5UACTU KEMET-C1825C225M5UACTU Datasheet
1Mb / 19P
   Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com