Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTR3028 Datasheet(PDF) 5 Page - Advanced Crystal Technology

Part # ACTR3028
Description  SMT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR3028 Datasheet(HTML) 5 Page - Advanced Crystal Technology

  ACTR3028 Datasheet HTML 1Page - Advanced Crystal Technology ACTR3028 Datasheet HTML 2Page - Advanced Crystal Technology ACTR3028 Datasheet HTML 3Page - Advanced Crystal Technology ACTR3028 Datasheet HTML 4Page - Advanced Crystal Technology ACTR3028 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Packing Information
Carrier Tape
Reel Dimensions
Outer Packing
Type
Quantity
Dimension
Description
Weight
Carton Box
10000
190×190×95
anti-static plastic bag & carton box
1 reel / bag
5 bags / box (10000 pcs)
10 bags / box (20000 pcs)
0.85
Carton Box Ⅱ
20000
190×190×190
1.80
Unit: mm
Unit: kg
C
E
A
ACT. All Rights Reserved.
1.
The specifications of this device are subject to change or obsolescence without notice.
2.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility
of the equipment manufacturer.
3.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes
and circuits implemented within components or assemblies.


Similar Part No. - ACTR3028

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTR3021 ACT-ACTR3021 Datasheet
60Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR3021/314.50/QCC8C ACT-ACTR3021/314.50/QCC8C Datasheet
60Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR3022 ACT-ACTR3022 Datasheet
64Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR3022/392.850/QCC8C ACT-ACTR3022/392.850/QCC8C Datasheet
64Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
More results

Similar Description - ACTR3028

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRQH9F OSRAM-LRQH9F Datasheet
465Kb / 15P
   SMT package, standard SMT
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Advanced Crystal Techno...
ACTR9041 ACT-ACTR9041 Datasheet
232Kb / 5P
   SMT
ACTR9028 ACT-ACTR9028 Datasheet
293Kb / 5P
   SMT
ACTR8013A ACT-ACTR8013A Datasheet
395Kb / 5P
   SMT
logo
Pulse A Technitrol Comp...
W3329 PULSE-W3329 Datasheet
1Mb / 13P
   : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna :
logo
AVX Corporation
046232109015800 AVX-046232109015800 Datasheet
509Kb / 6P
   SMT 1.0mm PITCH LIF RA SMT
logo
Vestal Electronic Devic...
SMTJ-2006 VESTAL-SMTJ-2006 Datasheet
22Kb / 1P
   SMT Jumper
SMTJ-1206 VESTAL-SMTJ-1206 Datasheet
22Kb / 1P
   SMT Jumper
logo
M/A-COM Technology Solu...
MAVC-010000-002140 MA-COM-MAVC-010000-002140 Datasheet
122Kb / 2P
   VCO, SMT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com