Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTR4024-433.42-DCC6C Datasheet(PDF) 5 Page - Advanced Crystal Technology

Part # ACTR4024-433.42-DCC6C
Description  One Port Saw Resonator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR4024-433.42-DCC6C Datasheet(HTML) 5 Page - Advanced Crystal Technology

  ACTR4024-433.42-DCC6C Datasheet HTML 1Page - Advanced Crystal Technology ACTR4024-433.42-DCC6C Datasheet HTML 2Page - Advanced Crystal Technology ACTR4024-433.42-DCC6C Datasheet HTML 3Page - Advanced Crystal Technology ACTR4024-433.42-DCC6C Datasheet HTML 4Page - Advanced Crystal Technology ACTR4024-433.42-DCC6C Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Packing Information
- 5 -
Issue 1 / C1u
Date 2-6-2011
Carrier Tape
Reel Dimensions
Outer Packing
Type
Quantity
Dimension
Description
Weight
Carton Box
5000
190×190×95
0.85
Carton Box Ⅱ
10000
190×190×190
anti-static plastic bag & carton box
1 reel / bag
5 bags / box (5000 pcs)
10 bags / box (10000 pcs)
1.80
Unit: mm
Unit: kg


Similar Part No. - ACTR4024-433.42-DCC6C

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTR4001 ACT-ACTR4001 Datasheet
131Kb / 3P
   SAW Filter
March 2010
ACTR4002 ACT-ACTR4002 Datasheet
60Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR4002 ACT-ACTR4002 Datasheet
130Kb / 3P
   SAW Filter
March 2010
ACTR4002/433.92/DCC6-1.5 ACT-ACTR4002/433.92/DCC6-1.5 Datasheet
60Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR4002/433.92/DCC6-1.5 ACT-ACTR4002/433.92/DCC6-1.5 Datasheet
130Kb / 3P
   SAW Filter
March 2010
More results

Similar Description - ACTR4024-433.42-DCC6C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR0360M00-DD17 ETC1-FR0360M00-DD17 Datasheet
114Kb / 5P
   One-port SAW Resonator
logo
ECS, Inc.
ECS-DR1 ECS-ECS-DR1 Datasheet
183Kb / 1P
   ONE-PORT SAW RESONATOR
logo
Abracon Corporation
ASR418S2 ABRACON-ASR418S2 Datasheet
1Mb / 3P
   SMD ONE PORT SAW RESONATOR
02.21.11
ASR868.35E ABRACON-ASR868.35E Datasheet
1Mb / 3P
   One-Port SMD SAW Resonator
09.22.15
logo
Golledge Electronics Lt...
MA07074 GOLLEDGE-MA07074 Datasheet
142Kb / 3P
   One-Port SAW Resonator 315.0MHz
logo
ECS, Inc.
ECS-SDR1 ECS-ECS-SDR1 Datasheet
106Kb / 1P
   SMD ONE PORT SAW RESONATOR
logo
Abracon Corporation
ASR418S2-T ABRACON-ASR418S2-T Datasheet
1Mb / 3P
   SMD ONE PORT SAW RESONATOR
02.21.11
logo
List of Unclassifed Man...
ECS-SDR1 ETC1-ECS-SDR1 Datasheet
160Kb / 1P
   SMD ONE PORT SAW RESONATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TC0164A TAI-SAW-TC0164A Datasheet
338Kb / 4P
   TO39 390MHz One-Port Saw Resonator
logo
List of Unclassifed Man...
SR315 ETC-SR315 Datasheet
86Kb / 2P
   315.00 MHz One-Port SAW Resonator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com