Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C107M6PACTU Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0402C107M6PACTU
Description  X5R Dielectric, 4 ??50 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C107M6PACTU Datasheet(HTML) 2 Page - Kemet Corporation

  C0402C107M6PACTU Datasheet HTML 1Page - Kemet Corporation C0402C107M6PACTU Datasheet HTML 2Page - Kemet Corporation C0402C107M6PACTU Datasheet HTML 3Page - Kemet Corporation C0402C107M6PACTU Datasheet HTML 4Page - Kemet Corporation C0402C107M6PACTU Datasheet HTML 5Page - Kemet Corporation C0402C107M6PACTU Datasheet HTML 6Page - Kemet Corporation C0402C107M6PACTU Datasheet HTML 7Page - Kemet Corporation C0402C107M6PACTU Datasheet HTML 8Page - Kemet Corporation C0402C107M6PACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1006_X5R_SMD • 2/29/2016
2
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – X5R Dielectric, 4 – 50 VDC (Commercial Grade)
Packaging C-Spec Ordering Options Table
Packaging Type1
Packaging/Grade
Ordering Code (C-Spec)
BulkBag/Unmarked
Notrequired(Blank)
7"Reel/Unmarked
TU
13"Reel/Unmarked
7411 (EIA 0603 and smaller case sizes)
7210(EIA0805andlargercasesizes)
7" Reel / Marked
TM
13" Reel / Marked
7040 (EIA 0603 and smaller case sizes)
7215(EIA0805andlargercasesizes)
7"Reel/Unmarked/2mmpitch2
7081
13"Reel/Unmarked/2mmpitch2
7082
1
Default packaging is "Bulk Bag". An ordering code C-Spec is not required for "Bulk Bag" packaging.
1
The terms "Marked" and "Unmarked" pertain to laser marking option of capacitors. All packaging options labeled as "Unmarked" will contain capacitors that have
not been laser marked. Please contact KEMET if you require a laser marked option. For more information see "Capacitor Marking".
2
The 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. This option is limited to EIA 0603 (1608 metric) case size
devices. For more information regarding 2 mm pitch option see "Tape & Reel Packaging Information".
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA
Size
Code
Metric
Size
Code
L
Length
W
Width
T
Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
0201
0603
0.60(0.024)±0.03(0.001) 0.30(0.012)±0.03(0.001)
SeeTable2for
Thickness
0.15(0.006)±0.05(0.002)
N/A
SolderReflow
Only
04021
1005
1.00(0.040)±0.05(0.002) 0.50(0.020)±0.05(0.002)
0.30(0.012)±0.10(0.004)
0.30 (0.012)
0603
1608
1.60(0.063)±0.15(0.006) 0.80(0.032)±0.15(0.006)
0.35(0.014)±0.15(0.006)
0.70 (0.028)
Solder Wave or
SolderReflow
0805
2012
2.00(0.079)±0.20(0.008) 1.25(0.049)±0.20(0.008)
0.50(0.02)±0.25(0.010)
0.75 (0.030)
12062
3216
3.20(0.126)±0.20(0.008) 1.60(0.063)±0.20(0.008)
0.50(0.02)±0.25(0.010)
N/A
12103
3225
3.20(0.126)±0.20(0.008) 2.50(0.098)±0.20(0.008)
0.50(0.02)±0.25(0.010)
SolderReflow
Only
1
For capacitance values ≥ 4.7 µF add 0.15 (0.006) to the width and length tolerance dimensions.
2
For capacitance values ≥ 22 µF add 0.10 (0.004) to the positive bandwidth tolerance dimension.
3
For capacitance values ≥ 22 µF add 0.10 (0.004) to the length and width tolerance dimension and add 0.15 (0.006) to the positive bandwidth tolerance dimension.


Similar Part No. - C0402C107M6PACTU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C0402C1003GAC ETC2-C0402C1003GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0402C1004GAC ETC2-C0402C1004GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0402C1005GAC ETC2-C0402C1005GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
C0402C1008GAC ETC2-C0402C1008GAC Datasheet
410Kb / 9P
   Multilayer Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C100C5GAC KEMET-C0402C100C5GAC Datasheet
125Kb / 4P
   Ceramic Capacitor
More results

Similar Description - C0402C107M6PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C476M9PACTU KEMET-C0805C476M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C684K4PACTU KEMET-C0603C684K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C474K4PACTU KEMET-C0603C474K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C105K4PACTU KEMET-C0603C105K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C1825C225M5UACTU KEMET-C1825C225M5UACTU Datasheet
1Mb / 19P
   Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com