Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2EG Datasheet(PDF) 3 Page - Texas Instruments

Part # TDA2EG
Description  SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
Download  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EG Datasheet(HTML) 3 Page - Texas Instruments

  TDA2EG Datasheet HTML 1Page - Texas Instruments TDA2EG Datasheet HTML 2Page - Texas Instruments TDA2EG Datasheet HTML 3Page - Texas Instruments TDA2EG Datasheet HTML 4Page - Texas Instruments TDA2EG Datasheet HTML 5Page - Texas Instruments TDA2EG Datasheet HTML 6Page - Texas Instruments TDA2EG Datasheet HTML 7Page - Texas Instruments TDA2EG Datasheet HTML 8Page - Texas Instruments TDA2EG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 393 page
background image
Mailbox x13
High-Speed Interconnect
Program/Data Storage
Connectivity
System
(1x ARM
Cortex–A15)
IVA HD
1080p Video
Co-Processor
(C66x Co-Processor)
DSP
PCIe SS x2
(NAND/NOR/
Async)
(1x SGX544 3D)
intro-001
GPMC / ELM
256-KB ROM
OCMC
TDA2Ex
GPU
MPU
Serial Interfaces
I2C x6
UART x10
McSPI x4
DCAN x2
Spinlock
GPIO x8
Timers x16
WDT
QSPI
EMIF
1x 32-bit
DDR3/3L W/ECC
McASP x8
CAL
CSI2 x2
Display Subsystem
LCD1
LCD2
LCD3
HDMI 1.4a
1x GFX Pipeline
3x Video Pipeline
Blend / Scale
GMAC AVB
1x USB 3.0
Dual Mode FS/HS/SS
w/ PHY
2x USB 2.0
Dual Mode FS/HS
1x PHY, 1x ULPI
512-KB
RAM
DMM
MMC / SD x4
EDMA
VIP x1
JTAG
VPE
MMU x2
(Dual Cortex–M4)
IPU 1
(Dual Cortex–M4)
IPU 2
BB2D
(GC320 2D)
RTC SS
PWM SS x3
SDMA
SATA
Copyright © 2016, Texas Instruments Incorporated
3
TDA2EG
www.ti.com
SPRS958B – MARCH 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Product Folder Links: TDA2EG
Device Overview
Copyright © 2016–2017, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 is functional block diagram for the device.
Figure 1-1. TDA2Ex Block Diagram


Similar Part No. - TDA2EG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA2EGADQABCQ1 TI1-TDA2EGADQABCQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
TDA2EGADQABCRQ1 TI1-TDA2EGADQABCRQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
TDA2EGAHQABCQ1 TI1-TDA2EGAHQABCQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
TDA2EGAHQABCRQ1 TI1-TDA2EGAHQABCRQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results

Similar Description - TDA2EG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com