Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2EGAHQABCQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TDA2EGAHQABCQ1
Description  SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
Download  393 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA2EGAHQABCQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TDA2EGAHQABCQ1 Datasheet HTML 1Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 2Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 3Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 4Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 5Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 6Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 7Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 8Page - Texas Instruments TDA2EGAHQABCQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 393 page
background image
4
TDA2EG
SPRS958B – MARCH 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2EG
Table of Contents
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 2
1.3
Description
............................................ 2
1.4
Functional Block Diagram
........................... 3
2
Revision History
......................................... 5
3
Device Comparison
..................................... 6
3.1
Device Comparison Table
............................ 6
4
Terminal Configuration and Functions
.............. 8
4.1
Terminal Assignment
................................. 8
4.2
Ball Characteristics
................................... 9
4.3
Multiplexing Characteristics
......................... 68
4.4
Signal Descriptions
.................................. 84
5
Specifications
......................................... 120
5.1
Absolute Maximum Ratings
........................ 120
5.2
ESD Ratings
....................................... 121
5.3
Power on Hour (POH) Limits
...................... 121
5.4
Recommended Operating Conditions
............. 122
5.5
Operating Performance Points
..................... 125
5.6
Power Consumption Summary
.................... 147
5.7
Electrical Characteristics
........................... 147
5.8
Thermal Characteristics
............................ 156
5.9
Power Supply Sequences
......................... 157
6
Clock Specifications
................................. 168
6.1
Input Clock Specifications
......................... 169
6.2
DPLLs, DLLs Specifications
....................... 177
7
Timing Requirements and Switching
Characteristics
........................................ 181
7.1
Timing Test Conditions
............................ 181
7.2
Interface Clock Specifications
..................... 181
7.3
Timing Parameters and Information
............... 181
7.4
Recommended Clock and Control Signal Transition
Behavior
............................................ 183
7.5
Virtual and Manual I/O Timing Modes
............. 183
7.6
Video Input Ports (VIP)
............................ 185
7.7
Display Subsystem - Video Output Ports
.......... 204
7.8
Display Subsystem - High-Definition Multimedia
Interface (HDMI)
................................... 214
7.9
Camera Serial Interface 2 CAL bridge (CSI2)
..... 215
7.10
External Memory Interface (EMIF)
................. 215
7.11
General-Purpose Memory Controller (GPMC)
..... 215
7.12
Timers
.............................................. 239
7.13
Inter-Integrated Circuit Interface (I2C)
............. 239
7.14
Universal Asynchronous Receiver Transmitter
(UART)
............................................. 242
7.15
Multichannel Serial Peripheral Interface (McSPI)
. 244
7.16
Quad Serial Peripheral Interface (QSPI)
.......... 250
7.17
Multichannel Audio Serial Port (McASP)
.......... 254
7.18
Universal Serial Bus (USB)
........................ 274
7.19
Serial Advanced Technology Attachment (SATA)
. 275
7.20
Peripheral Component Interconnect Express
(PCIe)
.............................................. 276
7.21
Controller Area Network Interface (DCAN)
........ 276
7.22
Ethernet Interface (GMAC_SW)
................... 277
7.23
eMMC/SD/SDIO
................................... 290
7.24
General-Purpose Interface (GPIO)
................ 313
7.25
System and Miscellaneous interfaces
............. 314
7.26
Test Interfaces
..................................... 314
8
Applications, Implementation, and Layout
...... 318
8.1
Introduction
........................................ 318
8.2
Power Optimizations
............................... 319
8.3
Core Power Domains
.............................. 330
8.4
Single-Ended Interfaces
........................... 340
8.5
Differential Interfaces
.............................. 342
8.6
DDR3 Board Design and Layout Guidelines
....... 361
9
Device and Documentation Support
.............. 384
9.1
Device Nomenclature and Orderable Information
. 384
9.2
Tools and Software
................................ 386
9.3
Documentation Support
............................ 386
9.4
Receiving Notification of Documentation Updates
. 387
9.5
Community Resources
............................. 387
9.6
Trademarks
........................................ 387
9.7
Electrostatic Discharge Caution
................... 387
9.8
Export Control Notice
.............................. 387
9.9
Glossary
............................................ 388
10
Mechanical Packaging Information
............... 389


Similar Part No. - TDA2EGAHQABCQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2EGAHQABCQ1 TI1-TDA2EGAHQABCQ1 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results

Similar Description - TDA2EGAHQABCQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA2SX TI1-TDA2SX Datasheet
6Mb / 426P
[Old version datasheet]   ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
TDA2E-17 TI1-TDA2E-17 Datasheet
4Mb / 401P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com