Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C107M6PACTU Datasheet(PDF) 4 Page - Kemet Corporation

Part # C1210C107M6PACTU
Description  X5R Dielectric, 4 ??50 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C107M6PACTU Datasheet(HTML) 4 Page - Kemet Corporation

  C1210C107M6PACTU Datasheet HTML 1Page - Kemet Corporation C1210C107M6PACTU Datasheet HTML 2Page - Kemet Corporation C1210C107M6PACTU Datasheet HTML 3Page - Kemet Corporation C1210C107M6PACTU Datasheet HTML 4Page - Kemet Corporation C1210C107M6PACTU Datasheet HTML 5Page - Kemet Corporation C1210C107M6PACTU Datasheet HTML 6Page - Kemet Corporation C1210C107M6PACTU Datasheet HTML 7Page - Kemet Corporation C1210C107M6PACTU Datasheet HTML 8Page - Kemet Corporation C1210C107M6PACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1006_X5R_SMD • 2/29/2016
4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – X5R Dielectric, 4 – 50 VDC (Commercial Grade)
Dissipation Factor Limit Table
Rated
DC Voltage
Capacitance
Dissipation Factor
(Maximum %)
> 25
All
2.5
25
< 2.2 µF
5.0
≥2.2µF
10.0
< 25
< 0.56 µF
5.0
≥0.56µF
10.0
Insulation Resistance Limit Table
EIA Case Size
1,000 Megohm
Microfarads or 100 GΩ
500 Megohm
Microfarads or 10 GΩ
100 Megohm
Microfarads
0201
N/A
ALL
N/A
0402
< .012 µF
≥.012µF<1.0µF
≥1.0µF
0603
< .047 µF
≥.047µf<1.0µF
≥1.0µF
0805
< 0.15 µF
≥0.15µF<1.0µF
≥1.0µF
1206
< 0.47 µF
≥0.47µF<1.0µF
≥1.0µF
1210
< 0.39 µF
≥0.39µF<1.0µF
≥1.0µF
1812
< 2.2 µF
≥2.2µF
N/A


Similar Part No. - C1210C107M6PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C107M4PACTU KEMET-C1210C107M4PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 uF, 20%, 16 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C107M4PACTU KEMET-C1210C107M4PACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 uF, 20%, 16 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C107M8PACTU KEMET-C1210C107M8PACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 uF, 20%, 10 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C107M8PACTU KEMET-C1210C107M8PACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 uF, 20%, 10 V, 1210, X5R, SMD, MLCC, Temperature Stable, Class II
C1210C107M9PAC KEMET-C1210C107M9PAC Datasheet
133Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
More results

Similar Description - C1210C107M6PACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C476M9PACTU KEMET-C0805C476M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C684K4PACTU KEMET-C0603C684K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C474K4PACTU KEMET-C0603C474K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C0603C105K4PACTU KEMET-C0603C105K4PACTU Datasheet
720Kb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C1825C225M5UACTU KEMET-C1825C225M5UACTU Datasheet
1Mb / 19P
   Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com