Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMG4A Datasheet(PDF) 3 Page - Rohm

Part # FMG4A
Description  Emitter common(dual digital transistor)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMG4A Datasheet(HTML) 3 Page - Rohm

  FMG4A Datasheet HTML 1Page - Rohm FMG4A Datasheet HTML 2Page - Rohm FMG4A Datasheet HTML 3Page - Rohm FMG4A Datasheet HTML 4Page - Rohm FMG4A Datasheet HTML 5Page - Rohm FMG4A Datasheet HTML 6Page - Rohm FMG4A Datasheet HTML 7Page - Rohm FMG4A Datasheet HTML 8Page - Rohm FMG4A Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EMG4 / UMG4N / FMG4A
     
Datasheet
l
lElectrical characteristic curves (Ta = 25°C)
<For DTr1 and DTr2 in common>
Fig.1 Grounded Emitter Propagation
    Characteristics
Fig.2 Grounded Emitter Output
    Characteristics
Fig.3 DC Current Gain vs. Collector Current
Fig.4 Collector-Emitter Saturation Voltage
    vs. Collector Current
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
3/6
20151019 - Rev.002


Similar Part No. - FMG4A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMG4A ROHM-FMG4A Datasheet
48Kb / 3P
   General purpose (dual digital transistors)
FMG4A ROHM-FMG4A Datasheet
424Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG4A ROHM-FMG4A Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
FMG4A ROHM-FMG4A Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
FMG4AT148 ROHM-FMG4AT148 Datasheet
424Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - FMG4A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMG3 ROHM-EMG3 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMG5 ROHM-EMG5 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMA4 ROHM-EMA4_15 Datasheet
1Mb / 10P
   Emitter common Dual digital transistor
EMA3 ROHM-EMA3 Datasheet
1Mb / 10P
   Emitter common Dual digital transistor
EMG8 ROHM-EMG8_15 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMG6 ROHM-EMG6_15 Datasheet
1Mb / 10P
   Emitter common(dual digital transistor)
EMG11 ROHM-EMG11_15 Datasheet
838Kb / 10P
   Emitter common (dual digital transistor)
UMA9N ROHM-UMA9N Datasheet
62Kb / 2P
   Digital transistor (Common Emitter Dual Transistors)
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com