Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMG4A Datasheet(PDF) 9 Page - Rohm

Part # FMG4A
Description  Emitter common(dual digital transistor)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMG4A Datasheet(HTML) 9 Page - Rohm

Back Button FMG4A Datasheet HTML 2Page - Rohm FMG4A Datasheet HTML 3Page - Rohm FMG4A Datasheet HTML 4Page - Rohm FMG4A Datasheet HTML 5Page - Rohm FMG4A Datasheet HTML 6Page - Rohm FMG4A Datasheet HTML 7Page - Rohm FMG4A Datasheet HTML 8Page - Rohm FMG4A Datasheet HTML 9Page - Rohm FMG4A Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Datasheet
Datasheet
Notice – WE
Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
General Precaution
1. Before you use our Pro ducts, you are requested to care fully read this document and fully understand its contents.
ROHM shall n ot be in an y way responsible or liabl e for fa ilure, malfunction or acci dent arising from the use of a ny
ROHM’s Products against warning, caution or note contained in this document.
2. All information contained in this docume nt is current as of the issuing date and subj ect to change without any prior
notice. Before purchasing or using ROHM’s Products, please confirm the la test information with a ROHM sale s
representative.
3. The information contained in this doc ument is provi ded on an “as is” basis and ROHM does not warrant that all
information contained in this document is accurate an d/or error-free. ROHM shall not be in an y way responsible or
liable for any damages, expenses or losses incurred by you or third parties resulting from inaccuracy or errors of or
concerning such information.


Similar Part No. - FMG4A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMG4A ROHM-FMG4A Datasheet
48Kb / 3P
   General purpose (dual digital transistors)
FMG4A ROHM-FMG4A Datasheet
424Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG4A ROHM-FMG4A Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
FMG4A ROHM-FMG4A Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
FMG4AT148 ROHM-FMG4AT148 Datasheet
424Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - FMG4A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMG3 ROHM-EMG3 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMG5 ROHM-EMG5 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMA4 ROHM-EMA4_15 Datasheet
1Mb / 10P
   Emitter common Dual digital transistor
EMA3 ROHM-EMA3 Datasheet
1Mb / 10P
   Emitter common Dual digital transistor
EMG8 ROHM-EMG8_15 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMG6 ROHM-EMG6_15 Datasheet
1Mb / 10P
   Emitter common(dual digital transistor)
EMG11 ROHM-EMG11_15 Datasheet
838Kb / 10P
   Emitter common (dual digital transistor)
UMA9N ROHM-UMA9N Datasheet
62Kb / 2P
   Digital transistor (Common Emitter Dual Transistors)
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com