Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61099 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61099
Description  Synchronous Boost Converter with Ultra-Low Quiescent Current
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61099 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61099 Datasheet HTML 7Page - Texas Instruments TPS61099 Datasheet HTML 8Page - Texas Instruments TPS61099 Datasheet HTML 9Page - Texas Instruments TPS61099 Datasheet HTML 10Page - Texas Instruments TPS61099 Datasheet HTML 11Page - Texas Instruments TPS61099 Datasheet HTML 12Page - Texas Instruments TPS61099 Datasheet HTML 13Page - Texas Instruments TPS61099 Datasheet HTML 14Page - Texas Instruments TPS61099 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
t
Voltage (V)
VOUT
VIN
Pass-Through
Down
Mode
Down
Mode
3% Vout
300mV
100mV
50mV
11
TPS61099, TPS610994, TPS610997
www.ti.com
SLVSD88C – JULY 2016 – REVISED JANUARY 2017
Product Folder Links: TPS61099 TPS610994 TPS610997
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Feature Description (continued)
Figure 16. Down Mode and Pass-Through Operation
8.3.9 Thermal Shutdown
The TPS61099x has a built-in temperature sensor which monitors the internal junction temperature in boost
mode operation. If the junction temperature exceeds the threshold 150°C, the device stops operating. As soon as
the junction temperature drops below the shutdown temperature minus the hysteresis, typically 125°C, it starts
operating again.
8.4 Device Functional Modes
8.4.1 Burst Mode Operation under Light Load Condition
The boost converter of TPS61099x enters into Burst Mode operation under light load condition. Refer to Boost
Controller Operation for details.
8.4.2 Down Mode Regulation and Pass-Through Mode Operation
The boost converter of TPS61099x automatically enters into Down Mode or pass-through mode operation when
input voltage is higher than the target output voltage. Refer to Down Mode Regulation and Pass-Through
Operation for details.


Similar Part No. - TPS61099

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results

Similar Description - TPS61099

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
[Old version datasheet]   Ultra-Low Quiescent Current Synchronous Boost
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com