Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1658-G21-01-P10-5A Datasheet(PDF) 2 Page - ETAL Group

Part # 1658-G21-01-P10-5A
Description  Battery chargers, consumer products, power supplies, motors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1658-G21-01-P10-5A Datasheet(HTML) 2 Page - ETAL Group

  1658-G21-01-P10-5A Datasheet HTML 1Page - ETAL Group 1658-G21-01-P10-5A Datasheet HTML 2Page - ETAL Group 1658-G21-01-P10-5A Datasheet HTML 3Page - ETAL Group 1658-G21-01-P10-5A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thermal Overcurrent Circuit Breaker 1658-...
www.e-t-a.de
1635
2
1
The time/current characteristic curve depends on the ambient temperature
prevailing. In order to eliminate nuisance tripping, please multiply the circuit
breaker current ratings by the derating factor shown below. See also section
Technical information.
Ambient temp. °F
Ambient temp. °C
-4
-20
+14
-10
+32
0
+73.4
+23
+104
+40
+122
+50
+140
+60
Derating factor IN > 7A
IN < 7A
0.83
0.74
0.85
0.76
0.9
0.82
1
1
1.1
1.23
1.18
-
1.25
-
Internal connection diagram
2
1
12
46 8102040
… times rated current
10000
1000
100
10
1
0.1
+60 °C
+140 °F
+23 °C
+73.4 °F
-20 °C
-4 °F
Typical time/current characteristics
Dimensions
Installation drawing
Terminal design
A00
ø6
17.5
12
.236
.689
15.7
32
.618
1.26
3/8-27UNS-2A
G21
tightening torque max. 0.8 Nm
See ordering information for mounting hardware.
12
5
5
mounting area
operating area
.197
.197
.157
.157
4
4
P13
12
P10
blade terminals DIN 46244-A6.3-0.8
(QC .250)
12
blade terminals DIN 46244-A6.3-0.8 (QC .250)
angled 90°
8.5
.335
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 1658-G21-01-P10-5A

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
1658-9620 IET-1658-9620 Datasheet
93Kb / 2P
   Digibridges
1658-9620 IET-1658-9620 Datasheet
95Kb / 2P
   Cost Effective, Accurate, Impedance
logo
Pomona Electronics
1658-T-18 POMONA-1658-T-18 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
1658-T-24 POMONA-1658-T-24 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
1658-T-36 POMONA-1658-T-36 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
More results

Similar Description - 1658-G21-01-P10-5A

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
HPF24S6 GAMEWELL-FCI-HPF24S6 Datasheet
94Kb / 2P
   Power Supplies with Battery Chargers
logo
ETAL Group
4130-G211 ETAL-4130-G211 Datasheet
166Kb / 2P
   Motors, transformers, solenoids, battery chargers, power supplies, appliances, machinery, extra low voltage systems
1659-G21 ETAL-1659-G21 Datasheet
431Kb / 4P
   Power tools, Industrial equipment, Medical equipment, Power generators, Motors, Battery chargers, UPS
1657-G21 ETAL-1657-G21 Datasheet
131Kb / 4P
   Power tools, Industrial equipment, Medical equipment, Power generators, Motors, Battery chargers, UPS
127-P10-H-KF ETAL-127-P10-H-KF Datasheet
262Kb / 4P
   Motors, transformers, solenoids, battery chargers, extra low voltage systems
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
   BATTERY CHARGERS
logo
Kyocera Kinseki Corpota...
CX2016DB KSS-CX2016DB Datasheet
125Kb / 1P
   2.0횞1.6mm for Consumer Products
CX3225GB KSS-CX3225GB Datasheet
67Kb / 1P
   3.2횞2.5mm for Consumer Products
CX1612SB KSS-CX1612SB Datasheet
583Kb / 1P
   1.6횞1.2mm for Consumer Products
CX2520DB KSS-CX2520DB Datasheet
125Kb / 1P
   2.5횞2.0mm for Consumer Products
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com