Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1658-A00-01-P10-6A Datasheet(PDF) 1 Page - ETAL Group

Part # 1658-A00-01-P10-6A
Description  Battery chargers, consumer products, power supplies, motors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1658-A00-01-P10-6A Datasheet(HTML) 1 Page - ETAL Group

  1658-A00-01-P10-6A Datasheet HTML 1Page - ETAL Group 1658-A00-01-P10-6A Datasheet HTML 2Page - ETAL Group 1658-A00-01-P10-6A Datasheet HTML 3Page - ETAL Group 1658-A00-01-P10-6A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thermal Overcurrent Circuit Breaker 1658-...
www.e-t-a.de
1
1
1635
Description
Typical applications
Ordering information
Technical data
Very cost effective design to meet international requirements. No
exposed metal parts which are, or could become, current-carrying
except for terminals. R-type TO CBE to EN 60934.
l
Manual reset, cycling trip free mechanism
l
Extremely small and lightweight
l
UL, CSA, VDE and EN 60934 (IEC 60934) approved
Battery chargers, consumer products, power supplies, motors.
1658-...
Standard current ratings and typical voltage drop values
Type No.
1658 single pole thermal circuit breaker
Threadneck design
G21 manual reset type, 3/8“-27 threadneck
A00 auto reset type, without threadneck
Hardware
00
no hardware
01
one PAL nut Y306 671 01, bulk
02
one PAL nut Y306 671 01,
one knurled nut Y307 117 02, bulk
Terminals
P10
blade terminals A6.3-0.8 (QC .250)
P13
blade terminals A6.3-0.8 (QC .250), 90°
Current ratings
5 ...30 A
1658 - G21 - 02 - P10 - 5 A
Ordering example
* Screws and lock washers bulk shipped
Packaging unit: minimum order quantity 250 pieces
Current
rating (A)
voltage drop
values (mV)
Current
rating (A)
voltage drop
values (mV)
5
≤ 250
12
≤ 250
6
≤ 250
15
≤ 250
7
≤ 250
16
≤ 250
8
≤ 250
20
≤ 250
9
≤ 250
25
≤ 250
10
≤ 250
30
≤ 250
Preferred types Standard current ratings (A)
5
6
7
8
9 10 12 15 16 20 25 30
1658-G21-02-P10- x
x
x
x
x
x
x
x
x
x
x
x
1658-G21-02-P13- x
x
x
x
x
x
x
x
x
1658-A00-00-P10- x
x
x
x
x
x
x
x
x
Preferred types
For further details please see chapter: Technical Information
Voltage rating
AC 240 V; DC 28 V
Current ratings
5...30 A
Typical life
AC + DC
5...16 A
1,000 operations at 2 x IN, inductive
17...25 A
1,000 operations at 2 x IN, resistive
Ambient temperature
-20...+60 °C (-4...+140 °F),
≤ 7 A max. +40 °C (+104 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664 A) withstand voltage
degree
2.5 kV
2
reinforced insulation in operating area
Dielectric strength
(IEC 60664 and 60664A) test voltage
operating area
AC 3,000 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn 5...7 A
180 A
8...30 A
200 A
Interrupting capacity
IN
UN
(UL 1077/EN 60934 PC1) 5...16 A
AC 240 V 2,000 A
5...30 A
AC 120 V 2,000 A
5...30 A
DC 32 V
2,500 A
5...30 A
DC 28 V
2,000 A (1658-A..)
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
8 g (57-500 Hz) ± 0.61 mm (10-57 Hz),
to IEC 60068-2-6, test Fc,
10 frequency cycles/axis
Shock
30 g (11 ms)
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-78, test Cab
Mass
approx. 16 g
Behaviour at rated
switching capacity
(EN 60934;
test sequence D)
operat.
IN
UN
40
5...16 A
AC 240 V 6 x IN ind
40
5...16 A
DC 28 V
4 x IN ind
40
17...25 A AC 240 V 120 A
resistive
40
17...25 A DC 28 V
120 A
resistive


Similar Part No. - 1658-A00-01-P10-6A

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
1658-9620 IET-1658-9620 Datasheet
93Kb / 2P
   Digibridges
1658-9620 IET-1658-9620 Datasheet
95Kb / 2P
   Cost Effective, Accurate, Impedance
logo
Pomona Electronics
1658-T-18 POMONA-1658-T-18 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
1658-T-24 POMONA-1658-T-24 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
1658-T-36 POMONA-1658-T-36 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
More results

Similar Description - 1658-A00-01-P10-6A

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
HPF24S6 GAMEWELL-FCI-HPF24S6 Datasheet
94Kb / 2P
   Power Supplies with Battery Chargers
logo
ETAL Group
4130-G211 ETAL-4130-G211 Datasheet
166Kb / 2P
   Motors, transformers, solenoids, battery chargers, power supplies, appliances, machinery, extra low voltage systems
1659-G21 ETAL-1659-G21 Datasheet
431Kb / 4P
   Power tools, Industrial equipment, Medical equipment, Power generators, Motors, Battery chargers, UPS
1657-G21 ETAL-1657-G21 Datasheet
131Kb / 4P
   Power tools, Industrial equipment, Medical equipment, Power generators, Motors, Battery chargers, UPS
127-P10-H-KF ETAL-127-P10-H-KF Datasheet
262Kb / 4P
   Motors, transformers, solenoids, battery chargers, extra low voltage systems
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
   BATTERY CHARGERS
logo
Kyocera Kinseki Corpota...
CX2016DB KSS-CX2016DB Datasheet
125Kb / 1P
   2.0횞1.6mm for Consumer Products
CX3225GB KSS-CX3225GB Datasheet
67Kb / 1P
   3.2횞2.5mm for Consumer Products
CX1612SB KSS-CX1612SB Datasheet
583Kb / 1P
   1.6횞1.2mm for Consumer Products
CX2520DB KSS-CX2520DB Datasheet
125Kb / 1P
   2.5횞2.0mm for Consumer Products
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com