Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1658-A00-01-P13-6A Datasheet(PDF) 3 Page - ETAL Group

Part # 1658-A00-01-P13-6A
Description  Battery chargers, consumer products, power supplies, motors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1658-A00-01-P13-6A Datasheet(HTML) 3 Page - ETAL Group

  1658-A00-01-P13-6A Datasheet HTML 1Page - ETAL Group 1658-A00-01-P13-6A Datasheet HTML 2Page - ETAL Group 1658-A00-01-P13-6A Datasheet HTML 3Page - ETAL Group 1658-A00-01-P13-6A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thermal Overcurrent Circuit Breaker 1658-...
www.e-t-a.de
3
1
1635
Thermal Overcurrent Circuit Breaker 1658-...
ø15
0.4
14.3
0.5
3/8-27UNS-2B
2.5
3
3/8-27UNS-2B
SS TO RE
A
®
BREA
ø21.4
ø9.9
PAL nut 3/8", 27-thread
Y 306 671 01
Knurled nut 3/8", 27-thread
plastic (standard)
Y 307 117 02
Press to Reset Plate for 3/8"
thread, aluminium
Y 301 059 02
.563
.020
.098
.118
.591
.843
.016
.390
2.5
3/8-27UNS-2B
ø13
Knurled nut 3/8", 27-thread
nickel-plated brass
Y 300 190 03
.512
.098
3/8-27UNS-2B
SW14
Hex nut 3/8", 27-thread
nickel-plated brass
Y 300 192 01
2.5
.551
.098
Accessories
This is a metric design and millimeter dimensions take precedence ( mm )
inch
3/8-27 UNS-2B
3/8-27 UNS-2B
Reset button seal for 3/8", 27-thread,
short
X 201 285 01 (IP64)
long
X 200 799 01 (IP64)
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
Approvals
Panel cut out
Ø 9,6
1658-3/8-27 UNS-2A
Authority
Standard
Rated voltage Current ratings
1658-G
VDE
IEC/EN 60934
AC 240 V
DC 28 V
5 A…25 A
5 A…25 A
UL
UL 1077
CSA C22.2 No 235
UL 1500
Ignition Protected
AC 250 V
AC 240 V
AC 125 V
DC 32 V
5 A…15 A
5 A…16 A
5 A…30 A
5 A…30 A
CSA
CSA C22.2 No 235 AC 250 V
AC 240 V
AC 125 V
DC 32 V
5 A…15 A
5 A…16 A
5 A…30 A
5 A…30 A
1658-A
VDE
IEC/EN 60934
AC 240 V
DC 28 V
5 A…25 A
5 A…25 A
UL
UL 1077
AC 125 V
DC 28 V
5 A…30 A
5 A…30 A


Similar Part No. - 1658-A00-01-P13-6A

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
1658-9620 IET-1658-9620 Datasheet
93Kb / 2P
   Digibridges
1658-9620 IET-1658-9620 Datasheet
95Kb / 2P
   Cost Effective, Accurate, Impedance
logo
Pomona Electronics
1658-T-18 POMONA-1658-T-18 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
1658-T-24 POMONA-1658-T-24 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
1658-T-36 POMONA-1658-T-36 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
More results

Similar Description - 1658-A00-01-P13-6A

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
HPF24S6 GAMEWELL-FCI-HPF24S6 Datasheet
94Kb / 2P
   Power Supplies with Battery Chargers
logo
ETAL Group
4130-G211 ETAL-4130-G211 Datasheet
166Kb / 2P
   Motors, transformers, solenoids, battery chargers, power supplies, appliances, machinery, extra low voltage systems
1659-G21 ETAL-1659-G21 Datasheet
431Kb / 4P
   Power tools, Industrial equipment, Medical equipment, Power generators, Motors, Battery chargers, UPS
1657-G21 ETAL-1657-G21 Datasheet
131Kb / 4P
   Power tools, Industrial equipment, Medical equipment, Power generators, Motors, Battery chargers, UPS
127-P10-H-KF ETAL-127-P10-H-KF Datasheet
262Kb / 4P
   Motors, transformers, solenoids, battery chargers, extra low voltage systems
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
   BATTERY CHARGERS
logo
Kyocera Kinseki Corpota...
CX2016DB KSS-CX2016DB Datasheet
125Kb / 1P
   2.0횞1.6mm for Consumer Products
CX3225GB KSS-CX3225GB Datasheet
67Kb / 1P
   3.2횞2.5mm for Consumer Products
CX1612SB KSS-CX1612SB Datasheet
583Kb / 1P
   1.6횞1.2mm for Consumer Products
CX2520DB KSS-CX2520DB Datasheet
125Kb / 1P
   2.5횞2.0mm for Consumer Products
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com