Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR80C154-12 Datasheet(PDF) 11 Page - TEMIC Semiconductors

Part # AR80C154-12
Description  CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

AR80C154-12 Datasheet(HTML) 11 Page - TEMIC Semiconductors

Back Button AR80C154-12 Datasheet HTML 7Page - TEMIC Semiconductors AR80C154-12 Datasheet HTML 8Page - TEMIC Semiconductors AR80C154-12 Datasheet HTML 9Page - TEMIC Semiconductors AR80C154-12 Datasheet HTML 10Page - TEMIC Semiconductors AR80C154-12 Datasheet HTML 11Page - TEMIC Semiconductors AR80C154-12 Datasheet HTML 12Page - TEMIC Semiconductors AR80C154-12 Datasheet HTML 13Page - TEMIC Semiconductors AR80C154-12 Datasheet HTML 14Page - TEMIC Semiconductors AR80C154-12 Datasheet HTML 15Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
80C154/83C154
Rev.F (14 Jan. 97)
11
MATRA MHS
32 Bit Counter
Figure 13 illustrates the 32 bit COUNTER mode.
Figure 12. 32 Bit Counter Configuration.
D In this mode, T32 = 0 and C/T0 = 1. Before it can
make an increment, the 83C154
µ must detect two
transitions on its T0 input. As shown in figure 14,
input T0 is sampled on each S5P2 state of every
machine cycle or, in other words, every OSC
÷ 12.
Figure 13. Counter Incrementation Condition.
D The counter will only evolve if a level 1 is detected
during state S5P2 of cycle Ci and if a level 0 is
detected during state S5P2 of cycle Ci + n.
D Consequently, the minimal period of signal fEXT
admissible by the counter must be greater than or
equal to two machine cycles. The following formula
should be used to calculate the operating frequency.
f +
fEXT
65536 (T0,T1)
fEXT t OSC
24
Watchdog Mode
D WDT = 1 enables access to this mode. As shown in
figure 15, all the modes of TIMERS 0 and 1, of which
the overflows act on TF1 (TF1 = 1), activate the
WATCHDOG Mode.
Figure 14. The Different Watchdog Configurations.


Similar Part No. - AR80C154-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AR8031 ETC1-AR8031 Datasheet
1Mb / 118P
   AR8031 Integrated 10/100/1000 Mbps Ethernet Transceiver
AR8035 ETC2-AR8035 Datasheet
573Kb / 64P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
More results

Similar Description - AR80C154-12

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com