Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1657-G11-00-P10-6A Datasheet(PDF) 3 Page - ETAL Group

Part # 1657-G11-00-P10-6A
Description  Power tools, Industrial equipment, Medical equipment, Power generators, Motors, Battery chargers, UPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1657-G11-00-P10-6A Datasheet(HTML) 3 Page - ETAL Group

  1657-G11-00-P10-6A Datasheet HTML 1Page - ETAL Group 1657-G11-00-P10-6A Datasheet HTML 2Page - ETAL Group 1657-G11-00-P10-6A Datasheet HTML 3Page - ETAL Group 1657-G11-00-P10-6A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thermal Overcurrent Circuit Breaker 1657-...
www.e-t-a.de
050215
3
1
Thermal Overcurrent Circuit Breaker 1657-...
The time/current characteristic curve depends on the ambient temperature
prevailing. In order to eliminate nuisance tripping, please multiply the circuit
breaker current ratings by the derating factor shown below. See also section
Technical information.
Ambient temp. °F
Ambient temp. °C
+14
-10
+32
0
+50
10
+77
25
+95
35
+104
40
+122
50
+140
60
Derating factor
0.77 0.83 0.91
1
1.06
1.18
1.37
1.47
Typical time/current characteristics
Accessories
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.


Similar Part No. - 1657-G11-00-P10-6A

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
1657-5995 IET-1657-5995 Datasheet
95Kb / 2P
   Cost Effective, Accurate, Impedance
1657-9600 IET-1657-9600 Datasheet
93Kb / 2P
   Digibridges
1657-9600 IET-1657-9600 Datasheet
95Kb / 2P
   Cost Effective, Accurate, Impedance
More results

Similar Description - 1657-G11-00-P10-6A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1659-G21 ETAL-1659-G21 Datasheet
431Kb / 4P
   Power tools, Industrial equipment, Medical equipment, Power generators, Motors, Battery chargers, UPS
1658-G21 ETAL-1658-G21 Datasheet
267Kb / 4P
   Battery chargers, consumer products, power supplies, motors
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
logo
Amphenol Corporation
S6046C AMPHENOL-S6046C Datasheet
264Kb / 3P
   Medical equipment
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
   Power Supply Connectors For Industrial Equipment
PX HIROSE-PX_18 Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Guangdong Youtai Semico...
AQXX-02HTG UMW-AQXX-02HTG Datasheet
844Kb / 7P
   Industrial Equipment
logo
Vitec Power
SHDA100 Vitec-SHDA100 Datasheet
385Kb / 2P
   100W Desktop Power Supply for Medical Equipment
SHDA100-SERIES Vitec-SHDA100-SERIES Datasheet
374Kb / 2P
   100W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com