Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1659-G12-00-S83-8A Datasheet(PDF) 2 Page - ETAL Group

Part # 1659-G12-00-S83-8A
Description  Power tools, Industrial equipment, Medical equipment, Power generators, Motors, Battery chargers, UPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

1659-G12-00-S83-8A Datasheet(HTML) 2 Page - ETAL Group

  1659-G12-00-S83-8A Datasheet HTML 1Page - ETAL Group 1659-G12-00-S83-8A Datasheet HTML 2Page - ETAL Group 1659-G12-00-S83-8A Datasheet HTML 3Page - ETAL Group 1659-G12-00-S83-8A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thermal Overcurrent Circuit Breaker 1659-...
www.e-t-a.de
050215
2
1
Dimensions
Installation drawing
Internal connection diagram
Panel cut out
Terminal design
7.5
M11 *P1.0
6.3
.248
21.5
4-Ø3.0
.846
9.8
.386
35
1.38
6.0
3/8-27T
.236
0.8
.031
.295
35
1.38
9.4
.370
LINE
A
LOAD
1659-G11/-G12
1659-G21/-G22
A
12
5
5
mounting area
operating area
.197
.197
.157
.157
4
4
LINE
LOAD
9.9
Ø 10.8
Ø .425
Ø 9.6
Ø .378
.390
1659-G11/-G12
1659-G21/-G22
6.3
.248
6.3
.248
21.5
.846
21.5
4-Ø3.0
.846
0.8
.031
4-Ø3.0
6.3
.248
21.5
Screw 8-32
.846
LINE
LOAD
...-P10
...-P13
LINE
LOAD
...-S83
LINE
LOAD
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 1659-G12-00-S83-8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1659 ETC2-1659 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
Schurter Inc.
1659 SCHURTER-1659 Datasheet
272Kb / 4P
   IEC Appliance Inlet C22, for very hot conditions, Screw-on or Snap-in Mounting, Front Side
1659 SCHURTER-1659 Datasheet
278Kb / 3P
   IEC Connector C21, for very hot conditions 155, Rewireable, Angled
1659 SCHURTER-1659 Datasheet
287Kb / 3P
   IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
1659 SCHURTER-1659 Datasheet
288Kb / 3P
   IEC Connector C21, for very hot conditions 155째C, Rewireable, Angled
10.12.2021
More results

Similar Description - 1659-G12-00-S83-8A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1657-G21 ETAL-1657-G21 Datasheet
131Kb / 4P
   Power tools, Industrial equipment, Medical equipment, Power generators, Motors, Battery chargers, UPS
1658-G21 ETAL-1658-G21 Datasheet
267Kb / 4P
   Battery chargers, consumer products, power supplies, motors
3300-IG2 ETAL-3300-IG2 Datasheet
229Kb / 4P
   Control systems, instrumentation, medical equipment, machine tools, robotics
logo
Amphenol Corporation
S6046C AMPHENOL-S6046C Datasheet
264Kb / 3P
   Medical equipment
logo
Hirose Electric
PX10-AF6WP HIROSE-PX10-AF6WP_06 Datasheet
432Kb / 8P
   Power Supply Connectors For Industrial Equipment
PX HIROSE-PX_18 Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
PX10-AF6WP HIROSE-PX10-AF6WP Datasheet
387Kb / 8P
   Power Supply Connectors For Industrial Equipment
logo
Guangdong Youtai Semico...
AQXX-02HTG UMW-AQXX-02HTG Datasheet
844Kb / 7P
   Industrial Equipment
logo
Vitec Power
SHDA100 Vitec-SHDA100 Datasheet
385Kb / 2P
   100W Desktop Power Supply for Medical Equipment
SHDA100-SERIES Vitec-SHDA100-SERIES Datasheet
374Kb / 2P
   100W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com