Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2247 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2247
Description  2.4GHz SiGe Linear Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2247 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2247 Datasheet HTML 1Page - Maxim Integrated Products MAX2247 Datasheet HTML 2Page - Maxim Integrated Products MAX2247 Datasheet HTML 3Page - Maxim Integrated Products MAX2247 Datasheet HTML 4Page - Maxim Integrated Products MAX2247 Datasheet HTML 5Page - Maxim Integrated Products MAX2247 Datasheet HTML 6Page - Maxim Integrated Products MAX2247 Datasheet HTML 7Page - Maxim Integrated Products MAX2247 Datasheet HTML 8Page - Maxim Integrated Products MAX2247 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2.4GHz SiGe Linear Power Amplifier
_______________________________________________________________________________________
5
ADJ CPR vs. FREQUENCY
FREQUENCY (MHz)
2480
2460
2440
2420
-36
-35
-34
-33
-32
-31
-30
-29
-28
-27
-37
2400
2500
POUT = +23dBm
TA = +25°C
TA = +85°C
TA = -40°C
ALT CPR vs. FREQUENCY
FREQUENCY (MHz)
2480
2460
2440
2420
-58
-56
-54
-52
-50
-60
2400
2500
POUT = +23dBm
TA = +25°C
TA = +85°C
TA = -40°C
SUPPLY CURRENT vs. FREQUENCY
FREQUENCY (MHz)
2480
2460
2440
2420
270
280
290
300
310
320
260
2400
2500
POUT = +23dBm
TA = +85°C
TA = +25°C
TA = -40°C
GAIN vs. FREQUENCY
FREQUENCY (MHz)
2480
2460
2440
2420
24
28
32
36
40
20
2400
2500
POUT = +23dBm
TA = +85°C
TA = +25°C
TA = -40°C
INPUT/OUTPUT RETURN LOSS
vs. FREQUENCY
FREQUENCY (MHz)
2480
2460
2440
2420
-35
-25
-30
-20
-15
-10
-40
2400
2500
OUTPUT RETURN
LOSS
INPUT RETURN
LOSS
POWER DETECTOR VOLTAGE
vs. OUTPUT POWER
POUT (dBm)
20
15
10
5
0.2
0.4
0.6
0.8
1.4
1.2
1.0
1.6
0
025
VCC = +2.7V,
TA = +85°C
VCC = +4.2V,
TA = -40°C
OUTPUT POWER HISTOGRAM AT FIXED
1V POWER DETECTOR VOLTAGE
OUTPUT POWER (dBm)
23.375
22.625
22.875
23.125
2
4
6
8
10
12
14
16
0
SIGMA =
0.25dBm
BASED ON
50 PARTS
OUTPUT POWER HISTOGRAM AT FIXED
0.6V POWER DETECTOR VOLTAGE
OUTPUT POWER (dBm)
15.593
15.356
15.119
14.882
14.645
14.408
5
10
15
20
0
SIGMA = 0.237dBm
BASED ON 50 PARTS
OUTPUT POWER HISTOGRAM AT FIXED
0.47V POWER DETECTOR VOLTAGE
OUTPUT POWER (dBm)
7.95
7.57
7.19
6.81
6.43
6.05
5
10
15
20
0
SIGMA = 0.38dBm
BASED ON 50 PARTS
25
Typical Operating Characteristics (continued)
(VCC_ = 3V, fRF = 2.45GHz, with MAX2247 EV kit optimized for POUT = +23dBm. TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2247

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247 Datasheet
191Kb / 4P
   Evaluation Kit
Rev 0; 9/02
MAX2247 MAXIM-MAX2247 Datasheet
159Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
MAX2247EBC-T MAXIM-MAX2247EBC-T Datasheet
159Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
MAX2247EVKIT MAXIM-MAX2247EVKIT Datasheet
191Kb / 4P
   Evaluation Kit
Rev 0; 9/02
MAX2247EWC+T MAXIM-MAX2247EWC+T Datasheet
159Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
More results

Similar Description - MAX2247

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2247 MAXIM-MAX2247_09 Datasheet
159Kb / 10P
   2.4GHz SiGe Linear Power Amplifier
Rev 5; 1/09
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
logo
Fairchild Semiconductor
FMPA2300 FAIRCHILD-FMPA2300 Datasheet
540Kb / 9P
   2.3-2.4GHz WiMax/WiBro Linear Power Amplifier
logo
Skyworks Solutions Inc.
RFX242 SKYWORKS-RFX242 Datasheet
810Kb / 6P
   2.4GHz High Power 802.11ac WLAN Linear Power Amplifier
RFX240 SKYWORKS-RFX240 Datasheet
916Kb / 6P
   2.4GHz High Power 802.11n WLAN Linear Power Amplifier
logo
Tachyonics CO,. LTD
THM2004J TACHYONICS-THM2004J Datasheet
199Kb / 8P
   SiGe HBT MMIC Wideband Linear Amplifier
THM2003J TACHYONICS-THM2003J Datasheet
193Kb / 8P
   SiGe HBT MMIC Wideband Linear Amplifier
logo
RF Micro Devices
RF5112 RFMD-RF5112 Datasheet
1Mb / 19P
   3V TO 5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com