Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-BGA-6018 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-BGA-6018
Description  High speed, reliable Elastomer connection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6018 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-BGA-6018 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6018 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6018 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12.225mm
12.225mm
Assembled
8.25mm +
IC thickness
A
A
Recommended torque = 0.5 in lbs
(8 in Oz)
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
GHz BGA Socket - Direct mount, solderless
Features
Status: Released
Drawing: E Smolentseva
Scale: -
Rev: G
Date: 9/6/01
File: SG-BGA-6018 Dwg.mcd
SG-BGA-6018 Drawing
© 2009 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
1
5
8
6
3
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
Ball guide prevents over compression of elastomer
Minimum real estate required
Directly mounts to target PCB (needs tooling holes) with hardware.
Customer's Target PCB
Customer's
BGA IC
4
Top View
Side View
(Section AA)
Easily removable swivel socket lid
Socket Lid: Black anodized Aluminum.
Thickness = 2.5mm.
Socket base screw: Socket head cap, Alloy steel with
black oxide finish, 0-80 fine thread , 9.525mm long.
1
Elastomer Guide: Non-clad FR4.
Thickness = 0.725mm.
Compression Plate: Black anodized Aluminum.
Thickness = 2.5mm.
Elastomer: 40 micron dia gold plated brass
filaments arranged symmetrically in a silicone
rubber (63.5 degree angle).
Thickness = 0.75mm.
Socket base: Black anodized Aluminum.
Thickness = 5mm.
Ball Guide: Kapton polyimide.
Socket lid screw: Shoulder screw, 18-8 SS, 0-80 fine
thread.
10
Socket base nut: 18-8 Stainless steel, 0-80 fine thread.
2
Compression screw: Clear anodized Aluminum.
Thickness = 5mm, Hex socket = 5mm.
7
9
2
3
4
5
7
9
6
8
Modified: 6/26/09, AE
PAGE 1 of 3
10
Nylon washer: 1.73mm ID; 4.78mm OD
0.64mm thickness.
11
11


Similar Part No. - SG-BGA-6018

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6010 IRONWOOD-SG-BGA-6010 Datasheet
117Kb / 4P
   Directly mounts to target PCB (needs tooling holes) with hardware
SG-BGA-6011 IRONWOOD-SG-BGA-6011 Datasheet
97Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6012 IRONWOOD-SG-BGA-6012 Datasheet
101Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6013 IRONWOOD-SG-BGA-6013 Datasheet
104Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-6014 IRONWOOD-SG-BGA-6014 Datasheet
107Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-6018

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-5020 IRONWOOD-CG-BGA-5020 Datasheet
370Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-6406 IRONWOOD-SG-BGA-6406 Datasheet
522Kb / 5P
   High speed, reliable Elastomer connection
CG-QFN-7004 IRONWOOD-CG-QFN-7004 Datasheet
189Kb / 6P
   High speed, reliable Elastomer connection
SG-MLF-7075 IRONWOOD-SG-MLF-7075 Datasheet
271Kb / 4P
   High speed reliable elastomer connection
SG-BGA-6004 IRONWOOD-SG-BGA-6004 Datasheet
73Kb / 3P
   High speed, reliable Elastomer connection
SG-BGA-6013 IRONWOOD-SG-BGA-6013 Datasheet
104Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-7018 IRONWOOD-SG-BGA-7018 Datasheet
48Kb / 4P
   High speed, reliable Elastomer connection
SG-BGA-6019 IRONWOOD-SG-BGA-6019 Datasheet
53Kb / 3P
   High speed, reliable Elastomer connection
GT-BGA-2005 IRONWOOD-GT-BGA-2005 Datasheet
631Kb / 5P
   High speed reliable elastomer connection
SG-MLF-7086 IRONWOOD-SG-MLF-7086 Datasheet
267Kb / 4P
   High speed, reliable Elastomer connection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com