Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3293 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3293
Description  PLASTIC ENCAPSULATED DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3293 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3293 Datasheet HTML 1Page - Maxim Integrated Products MAX3293 Datasheet HTML 2Page - Maxim Integrated Products MAX3293 Datasheet HTML 3Page - Maxim Integrated Products MAX3293 Datasheet HTML 4Page - Maxim Integrated Products MAX3293 Datasheet HTML 5Page - Maxim Integrated Products MAX3293 Datasheet HTML 6Page - Maxim Integrated Products MAX3293 Datasheet HTML 7Page - Maxim Integrated Products MAX3293 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Conclusion
The MAX3295 successfully meets the quality and reliability standards required of all Maxim products. In addition,
Maxim’s continuous reliability monitoring program ensures that all outgoing product will continue to meet Maxim’s quality
and reliability standards.
Table of Contents
I. ........Device Description
V. ........Quality Assurance Information
II. ........Manufacturing Information
VI. .......Reliability Evaluation
III. .......Packaging Information
IV. .......Die Information
.....Attachments
I. Device Description
A. General
The MAX3295 low-power, high-speed transmitter for RS-485/RS-422 communications operates from a single +3.3V
power supply. This device contains one differential transmitter. The MAX3295 transmitter operates at data rates up to
20Mbps, with an output skew of less than 5ns, and a guaranteed driver propagation delay below 25ns.
The MAX3295 output level is guaranteed at +1.5V with a standard 54
load, compliant with RS-485 specifications.
The transmitter draws 5mA of supply current when unloaded, and 1µA in low-power shutdown mode (DE = GND).
Hot-swap circuitry eliminates false transitions on the data cable during circuit initialization or connection to a live
backplane, and short-circuit current limiting and thermal-shutdown circuitry protect the driver against excessive
power dissipation.
The MAX3295 is available in a 6-pin SOT23 package, and is specified over the automotive temperature range.
B. Absolute Maximum Ratings
Item
Rating
(All voltages referenced to GND, unless otherwise noted.)
Supply Voltage (VCC)
+6V
DE, DI
-0.3V to +6V
Y, Z
-7V to +12.5V
Maximum Continuous Power Dissipation (TA = +70°C)
Operating Temperature Ranges
MAX3295EEUT
-40°C to +85°C
MAX3295EAUT
-40°C to +125°C
Storage Temperature Range
-65°C to +160°C
Junction Temperature
+160°C
Lead Temperature (soldering, 10s)
+300°C
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23
500mW
Derates above +70
°C
6-Pin SOT23
6.25mW/°C


Similar Part No. - MAX3293

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3293 MAXIM-MAX3293 Datasheet
316Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 1; 2/03
MAX3293 MAXIM-MAX3293 Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3293 MAXIM-MAX3293 Datasheet
1Mb / 12P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 5; 4/19
MAX3293AUT MAXIM-MAX3293AUT Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3293AUT+T MAXIM-MAX3293AUT+T Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
More results

Similar Description - MAX3293

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX8546EUB MAXIM-MAX8546EUB Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 9, 2003
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com