Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMR3101 Datasheet(PDF) 3 Page - American Electronic Components, inc

Part # TMR3101
Description  TMR3101Absolute Rotary Encoder
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

TMR3101 Datasheet(HTML) 3 Page - American Electronic Components, inc

  TMR3101 Datasheet HTML 1Page - American Electronic Components, inc TMR3101 Datasheet HTML 2Page - American Electronic Components, inc TMR3101 Datasheet HTML 3Page - American Electronic Components, inc TMR3101 Datasheet HTML 4Page - American Electronic Components, inc TMR3101 Datasheet HTML 5Page - American Electronic Components, inc TMR3101 Datasheet HTML 6Page - American Electronic Components, inc TMR3101 Datasheet HTML 7Page - American Electronic Components, inc TMR3101 Datasheet HTML 8Page - American Electronic Components, inc TMR3101 Datasheet HTML 9Page - American Electronic Components, inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TMR3101Absolute Rotary Encoder
MultiDimension Technology Co., Ltd.
Page 3 of 13
Web: www.dowaytech.com/en, Email: info@dowaytech.com
MDT TMR3101
No.7 Guangdong Road, Zhangjiagang Free Trade Zone, Jiangsu, 215634, P.R. China
Ver. 1.0a1
3
Electrical Characteristics
3.1 Absolute Maximum Ratings (non-operating condition)
Parameter
Symbol
Condition
Limit
Unit
Supply Voltage
VCC
TJ=25
4
V
Input Current
Iscr
TJ=25
60
mA
Magnetic Field
Hext
TJ=25
2000
Oe
ESD Voltage
VESD
2
KV
Storage Temperature
Tstg
-40~125
º
C
3.2 Operating Condition
Parameter
Symbol
Min
Typical
Max
Unit
Operating
Temperature
T
-40
125
º
C
Supply Current
Icc
5
60
mA
Supply Voltage
Vcc
3
3.3
3.6
V
3.3 DC Characteristics of Digital Input / Output
3.3.1 CMOS Schmitt Trigger Input: SCK, SS, SDI
Parameter
Symbol
Min
Typical
Max
Unit
Vih
Input voltage high
0.8*VDD
V
Vil
Input voltage low
0.3*VDD
V
Ileak
Input leakage
current
-1
1
uA
Iil
Low-voltage
pull-up input
current
150
250
550
uA
3.3.2 CMOS Open-drain Output: SDO, Index, Direction, Plus, MagER
Parameter
Symbol
Min
Typical
Max
Unit
Vol
Output voltage low
0.3*VDD
V
Io
Output current
8
mA
Ioz
Open-drain leakage
current
-1
1
uA
3.3.3 CMOS Output (PWM)
Parameter
Symbol
Min
Typical
Max
Unit
Voh
Output voltage high
0.8*VDD
V
Vol
Output voltage low
0.3*VDD
V
Io
Output current
8
mA


Similar Part No. - TMR3101

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
TMR3102 MULTIDIMENSION-TMR3102 Datasheet
1Mb / 14P
   TMR Magnetic Rotary Encoder
Version 2.0.1
TMR3102P-0-0000 MULTIDIMENSION-TMR3102P-0-0000 Datasheet
1Mb / 14P
   TMR Magnetic Rotary Encoder
Version 2.0.1
TMR3105A MULTIDIMENSION-TMR3105A Datasheet
1Mb / 15P
   TMR Magnetic Rotary Encoder
Version 2.0.2
TMR3105AP-0-1024 MULTIDIMENSION-TMR3105AP-0-1024 Datasheet
1Mb / 15P
   TMR Magnetic Rotary Encoder
Version 2.0.2
More results

Similar Description - TMR3101

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
   Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
   Rotary Encoder
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
   Rotary Optical Encoder
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
   Rotary Encoder Switches
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
   Absolute Rotary Encoder
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
   11mm Rotary Encoder
logo
Pepperl+Fuchs Inc.
ENI58IL-S PF-ENI58IL-S Datasheet
1Mb / 6P
   Incremental rotary encoder
RSI58O-02YK1R61T-01024 PF-RSI58O-02YK1R61T-01024 Datasheet
215Kb / 3P
   Incremental rotary encoder
THI40N-YYAK2R6YN-00050 PF-THI40N-YYAK2R6YN-00050 Datasheet
575Kb / 4P
   Incremental rotary encoder
RVS70E PF-RVS70E Datasheet
817Kb / 6P
   Incremental rotary encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com