Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C184F1HACAUTO Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1210C184F1HACAUTO
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C184F1HACAUTO Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1210C184F1HACAUTO Datasheet HTML 2Page - Kemet Corporation C1210C184F1HACAUTO Datasheet HTML 3Page - Kemet Corporation C1210C184F1HACAUTO Datasheet HTML 4Page - Kemet Corporation C1210C184F1HACAUTO Datasheet HTML 5Page - Kemet Corporation C1210C184F1HACAUTO Datasheet HTML 6Page - Kemet Corporation C1210C184F1HACAUTO Datasheet HTML 7Page - Kemet Corporation C1210C184F1HACAUTO Datasheet HTML 8Page - Kemet Corporation C1210C184F1HACAUTO Datasheet HTML 9Page - Kemet Corporation C1210C184F1HACAUTO Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1007_X8R_ULTRA_150C_SMD • 3/3/2016
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature 150°C Ultra-Stable X8R Dielectric, 25 – 100 VDC (Commercial & Automotive Grade)
Table 1 – Capacitance Range/Selection Waterfall (0402 – 1812 Case Sizes)
Capacitance
Cap
Code
Case Size/
Series
C0402C
C0603C
C0805C
C1206C
C1210C
C1812C
Voltage Code
3
5
1
3
5
1
3
5
1
3
5
1
3
5
1
5
1
Rated Voltage (VDC)
Capacitance Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
100 pF
101
F
G
J
K
M
BB
BB
BB
110 pF
111
F
G
J
K
M
BB
BB
BB
120 pF
121
F
G
J
K
M
BB
BB
BB
130 pF
131
F
G
J
K
M
BB
BB
BB
150 pF
151
F
G
J
K
M
BB
BB
BB
160 pF
161
F
G
J
K
M
BB
BB
BB
180 pF
181
F
G
J
K
M
BB
BB
BB
200 pF
201
F
G
J
K
M
BB
BB
BB
220 pF
221
F
G
J
K
M
BB
BB
BB
240 pF
241
F
G
J
K
M
BB
BB
BB
270 pF
271
F
G
J
K
M
BB
BB
BB
300 pF
301
F
G
J
K
M
BB
BB
BB
330 pF
331
F
G
J
K
M
BB
BB
BB
360 pF
361
F
G
J
K
M
BB
BB
BB
390 pF
391
F
G
J
K
M
BB
BB
BB
430 pF
431
F
G
J
K
M
BB
BB
BB
CF
CF
CF
470 pF
471
F
G
J
K
M
BB
BB
BB
CF
CF
CF
510 pF
511
F
G
J
K
M
BB
BB
BB
CF
CF
CF
560 pF
561
F
G
J
K
M
BB
BB
BB
CF
CF
CF
620 pF
621
F
G
J
K
M
BB
BB
BB
CF
CF
CF
680 pF
681
F
G
J
K
M
BB
BB
BB
CF
CF
CF
750 pF
751
F
G
J
K
M
BB
BB
BB
CF
CF
CF
820 pF
821
F
G
J
K
M
BB
BB
BB
CF
CF
CF
910 pF
911
F
G
J
K
M
BB
BB
BB
CF
CF
CF
1,000 pF
102
F
G
J
K
M
BB
BB
BB
CF
CF
CF
1,100 pF
112
F
G
J
K
M
BB
BB
CF
CF
CF
1,200 pF
122
F
G
J
K
M
BB
BB
CF
CF
CF
1,300 pF
132
F
G
J
K
M
BB
BB
CF
CF
CF
1,500 pF
152
F
G
J
K
M
BB
BB
CF
CF
CF
1,600 pF
162
F
G
J
K
M
CF
CF
CF
1,800 pF
182
F
G
J
K
M
CF
CF
CF
2,000 pF
202
F
G
J
K
M
CF
CF
CF
DN
DN
DN
2,200 pF
222
F
G
J
K
M
CF
CF
CF
DN
DN
DN
2,400 pF
242
F
G
J
K
M
CF
CF
CF
DN
DN
DN
2,700 pF
272
F
G
J
K
M
CF
CF
CF
DN
DN
DN
3,000 pF
302
F
G
J
K
M
CF
CF
CF
DN
DN
DN
3,300 pF
332
F
G
J
K
M
CF
CF
CF
DN
DN
DN
3,600 pF
362
F
G
J
K
M
CF
CF
CF
DN
DN
DN
3,900 pF
392
F
G
J
K
M
CF
CF
CF
DN
DN
DN
4,300 pF
432
F
G
J
K
M
CF
CF
CF
DN
DN
DN
4,700 pF
472
F
G
J
K
M
CF
CF
CF
DN
DN
DN
5,100 pF
512
F
G
J
K
M
CF
CF
DN
DN
DN
5,600 pF
562
F
G
J
K
M
CF
CF
DN
DN
DN
6,200 pF
622
F
G
J
K
M
CF
CF
DN
DN
DN
6,800 pF
682
F
G
J
K
M
CF
CF
DN
DN
DN
EB
EB
EB
7,500 pF
752
F
G
J
K
M
CF
DN
DN
DN
EB
EB
EB
8,200 pF
822
F
G
J
K
M
CF
DN
DN
DN
EB
EB
EB
9,100 pF
912
F
G
J
K
M
CF
DN
DN
DN
EB
EB
EB
10,000 pF
103
F
G
J
K
M
CF
DN
DN
DP
EB
EB
EB
12,000 pF
123
F
G
J
K
M
DN
DN
DE
EB
EB
EB
FB
FB
FB
15,000 pF
153
F
G
J
K
M
DN
DP
DG
EB
EB
EB
FB
FB
FB
GB
GB
18,000 pF
183
F
G
J
K
M
DN
DP
EB
EB
EB
FB
FB
FB
GB
GB
22,000 pF
223
F
G
J
K
M
DP
DF
EB
EB
EC
FB
FB
FB
GB
GB
27,000 pF
273
F
G
J
K
M
DF
EB
EB
EE
FB
FB
FB
GB
GB
33,000 pF
333
F
G
J
K
M
DG
EB
EB
EE
FB
FB
FB
GB
GB
Capacitance
Cap
Code
Rated Voltage (VDC)
Voltage Code
3
5
1
3
5
1
3
5
1
3
5
1
3
5
1
5
1
Case Size/Series
C0402C
C0603C
C0805C
C1206C
C1210C
C1812C


Similar Part No. - C1210C184F1HACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C184F1HAC KEMET-C1210C184F1HAC Datasheet
337Kb / 4P
   Surface Mount Ceramic Chip Capacitors Ultra Stable X8R Dielectric
More results

Similar Description - C1210C184F1HACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com