Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805X106M5NACTU Datasheet(PDF) 7 Page - Kemet Corporation

Part # C0805X106M5NACTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805X106M5NACTU Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C0805X106M5NACTU Datasheet HTML 3Page - Kemet Corporation C0805X106M5NACTU Datasheet HTML 4Page - Kemet Corporation C0805X106M5NACTU Datasheet HTML 5Page - Kemet Corporation C0805X106M5NACTU Datasheet HTML 6Page - Kemet Corporation C0805X106M5NACTU Datasheet HTML 7Page - Kemet Corporation C0805X106M5NACTU Datasheet HTML 8Page - Kemet Corporation C0805X106M5NACTU Datasheet HTML 9Page - Kemet Corporation C0805X106M5NACTU Datasheet HTML 10Page - Kemet Corporation C0805X106M5NACTU Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1008_X8L_150C_SMD • 2/29/2016
7
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature 150°C, X8L Dielectric, 10 – 50 VDC (Commercial & Automotive Grade)
Table 1 – Capacitance Range/Selection Waterfall (0402 – 1210 Case Sizes)
Cap
Cap
Code
Case Size/
Series
C0402C
C0603C
C0805C
C1206C
C1210C
Voltage Code
9
8
4
3
9
8
4
3
5
9
8
4
3
5
9
8
4
3
5
9
8
4
3
5
Rated Voltage (VDC) 6.3 10
16
25 6.3 10
16
25 50 6.3 10
16
25 50 6.3 10
16
25 50 6.3 10
16
25 50
Capacitance Tolerance
Product Availability and Chip Thickness Codes See Table 2 for Chip Thickness Dimensions
12,000 pF
123
J
K
M
BB BB BB BB
15,000 pF
153
J
K
M
BB BB BB BB
18,000 pF
183
J
K
M
BB BB BB BB
22,000 pF
223
J
K
M
BB BB BB BB
27,000 pF
273
J
K
M
BB BB
33,000 pF
333
J
K
M
BB BB
39,000 pF
393
J
K
M
BB BB
47,000 pF
473
J
K
M
BB BB
CF CF CF CF CF
56,000 pF
563
J
K
M
68,000 pF
683
J
K
M
82,000 pF
823
J
K
M
0.10 µF
104
J
K
M
CF CF CF CF
0.12 µF
124
J
K
M
CF CF CF CF
0.15 µF
154
J
K
M
CF CF CF CF
DG DG DG DG DG
0.18 µF
184
J
K
M
CF CF
DG DG DG DG DG
0.22 µF
224
J
K
M
CF CF
DP DP DP DP DG
0.27 µF
274
J
K
M
DP DP DP DP
0.33 µF
334
J
K
M
DP DP DP DP
0.39 µF
394
J
K
M
DE DE DE DE
FD FD FD FD FD
0.47 µF
474
J
K
M
DE DE DE DE
EG EG EG EG EG FD FD FD FD FD
0.56 µF
564
J
K
M
DG DG DH DH
FF FF FF FF FF
0.68 µF
684
J
K
M
DG DG DH DH
FG FG FG FG FG
0.82 µF
824
J
K
M
DG DG DG
FL
FL
FL
FL
FL
1.0 µF
105
J
K
M
DG DG DG
ED ED ED ED
FM FM FM FM FM
1.2 µF
125
J
K
M
EH EH EH EH
FG FG FG FG
1.5 µF
155
J
K
M
EH EH EH EH
FG FG FG FG
1.8 µF
185
J
K
M
EF EF EH EH
FG FG FG FG
2.2 µF
225
J
K
M
EF EF EH EH
FG FG FG FG
2.7 µF
275
J
K
M
EH EH EH
FG FG FH FH
3.3 µF
335
J
K
M
EH EH EH
FM FM FM FM
3.9 µF
395
J
K
M
EH EH EH
FG FG FK FK
4.7 µF
475
J
K
M
EH EH EH
FG FG FS FS
5.6 µF
565
J
K
M
FH FH FH
6.8 µF
685
J
K
M
FM FM FM
8.2 µF
825
J
K
M
FK FK FK
10 µF
106
J
K
M
FS FS FS
Cap
Cap
Code
Rated Voltage (VDC) 6.3 10
16
25 6.3 10
16
25 50 6.3 10
16
25 50 6.3 10
16
25 50 6.3 10
16
25 50
Voltage Code
9
8
4
3
9
8
4
3
5
9
8
4
3
5
9
8
4
3
5
9
8
4
3
5
Case Size/Series
C0402C
C0603C
C0805C
C1206C
C1210C


Similar Part No. - C0805X106M5NACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X106M5NAC KEMET-C0805X106M5NAC Datasheet
461Kb / 4P
   Surface Mount Ceramic Chip Capacitors X8L Dielectric
More results

Similar Description - C0805X106M5NACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com