Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0402C104B2GACTU Datasheet(PDF) 5 Page - Kemet Corporation

Part # C0402C104B2GACTU
Description  C0G Dielectric, 10 - 250 VDC (Commercial Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0402C104B2GACTU Datasheet(HTML) 5 Page - Kemet Corporation

  C0402C104B2GACTU Datasheet HTML 1Page - Kemet Corporation C0402C104B2GACTU Datasheet HTML 2Page - Kemet Corporation C0402C104B2GACTU Datasheet HTML 3Page - Kemet Corporation C0402C104B2GACTU Datasheet HTML 4Page - Kemet Corporation C0402C104B2GACTU Datasheet HTML 5Page - Kemet Corporation C0402C104B2GACTU Datasheet HTML 6Page - Kemet Corporation C0402C104B2GACTU Datasheet HTML 7Page - Kemet Corporation C0402C104B2GACTU Datasheet HTML 8Page - Kemet Corporation C0402C104B2GACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 3/30/2016
5
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 250 VDC (Commercial Grade)
Table 1A – Capacitance Range/Selection Waterfall (0201 – 1206 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91).
xx¹ Available only in D, J, K,M tolerance
xx² Available only in J, K, M tolerance.
These products are protected under US Patents 7,172,985 & 7,670,981, other patents pending, and any foreign counterparts.
Cap
Cap
Code
Case Size/
Series
C0201C
C0402C
C0603C
C0805C
C1206C
Voltage Code
8 4 3 8 4 3 5 1 2 A 8 4 3 5 1 2 A 8 4 3 5 1 2 A 8 4 3 5 1 2 A
Rated Voltage (VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
0.50&0.75pF
508&758 B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN
0.75pF
758
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN
1.0–9.1pF*
109–919* B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
1.1 pF
119
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
1.2 pF
129
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
1.3 pF
139
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
1.5 pF
159
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
1.6 pF
169
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
1.8 pF
189
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
2.0 pF
209
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
2.2 pF
229
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
2.4 pF
249
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
2.7pF
279
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
3.0 pF
309
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
3.3 pF
339
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
3.6 pF
369
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
3.9 pF
399
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
4.3 pF
439
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
4.7pF
479
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
5.1 pF
519
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
5.6 pF
569
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
6.2 pF
629
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
6.8 pF
689
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
7.5pF
759
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
8.2 pF
829
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
9.1 pF
919
B C D
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
10 pF
100
F G J K M AB¹ AB¹ AB¹ BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
11 pF
110
F G J K M
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
12 pF
120
F G J K M AB² AB² AB² BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
13 pF
130
F G J K M
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
15 pF
150
F G J K M AB² AB² AB² BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
16 pF
160
F G J K M
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
18 pF
180
F G J K M AB² AB² AB² BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
20 pF
200
F G J K M
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
22 pF
220
F G J K M AB² AB² AB² BB BB BB BB
CF CF CF CF CF CF CF DM DM DM DM DN DN DN EB EB EB EB EB EB EB
24 pF
240
F G J K M
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
27pF
270
F G J K M AB² AB² AB² BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
30 pF
300
F G J K M
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
33 pF
330
F G J K M AB² AB² AB² BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
36 pF
360
F G J K M
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
39 pF
390
F G J K M AB² AB² AB² BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
43 pF
430
F G J K M
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
47pF
470
F G J K M AB² AB² AB² BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
51 pF
510
F G J K M
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
56 pF
560
F G J K M AB² AB² AB² BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
62 pF
620
F G J K M
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
68 pF
680
F G J K M AB² AB² AB² BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
75pF
750
F G J K M
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
82 pF
820
F G J K M AB² AB² AB² BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
91 pF
910
F G J K M
BB BB BB BB
CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
100 pF
101
F G J K M AB² AB² AB² BB BB BB BB BB BB BB CF CF CF CF CF CF CF DN DN DN DN DN DN DN EB EB EB EB EB EB EB
Cap
Cap
Code
Rated Voltage (VDC)
Voltage Code
8 4 3 8 4 3 5 1 2 A 8 4 3 5 1 2 A 8 4 3 5 1 2 A 8 4 3 5 1 2 A
Case Size/Series C0201C
C0402C
C0603C
C0805C
C1206C


Similar Part No. - C0402C104B2GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C104B2GACTU KEMET-C0402C104B2GACTU Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results

Similar Description - C0402C104B2GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C104J3GACAUTO_017 KEMET-C1206C104J3GACAUTO_017 Datasheet
1Mb / 18P
   C0G Dielectric, 10 - 250 VDC (Automotive Grade)
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
CBR02C330F9GAC KEMET-CBR02C330F9GAC Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C473K3GACTU KEMET-C0805C473K3GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C519K5GACTU KEMET-C0805C519K5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C101J5GACTU KEMET-C0402C101J5GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com