Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C226M3RALTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1210C226M3RALTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C226M3RALTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1210C226M3RALTU Datasheet HTML 2Page - Kemet Corporation C1210C226M3RALTU Datasheet HTML 3Page - Kemet Corporation C1210C226M3RALTU Datasheet HTML 4Page - Kemet Corporation C1210C226M3RALTU Datasheet HTML 5Page - Kemet Corporation C1210C226M3RALTU Datasheet HTML 6Page - Kemet Corporation C1210C226M3RALTU Datasheet HTML 7Page - Kemet Corporation C1210C226M3RALTU Datasheet HTML 8Page - Kemet Corporation C1210C226M3RALTU Datasheet HTML 9Page - Kemet Corporation C1210C226M3RALTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1018_X7R_SnPb_SMD • 2/29/2016
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Commercial “L” Series, SnPb Termination, X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Table 1B – Capacitance Range/Selection Waterfall (1210 – 2225 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91)
**Capacitance range Includes E12 decade values only. (i.e., 10, 12, 15, 18, 22, 27, 33, 39, 47, 56, 68 and 82)
Cap
Cap
Code
Case Size/
Series
C1210C
C1808C
C1812C
C1825C
C2220C
C2225C
Voltage Code
9
8
4
3
5
1
2 A
5
1
2
3
5
1
2 A
5
1
2
A
3
5
1
2 A
5
1
2
A
Rated Voltage
(VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
10 – 91 pF*
100 – 910* J
K
M FB FB FB FB FB FB FB
100 – 270 pF** 101 – 271** J
K
M FB FB FB FB FB FB FB
330 pF
331
J
K
M FB FB FB FB FB FB FB
LF LF LF
390 pF
391
J
K
M FB FB FB FB FB FB FB
LF LF LF
470 – 1,200 pF** 471 – 122** J
K
M FB FB FB FB FB FB FB
LF LF LF GB GB GB GB
1,500 pF
152
J
K
M FB FB FB FB FB FB FE
LF LF LF GB GB GB GB
1,800 pF
182
J
K
M FB FB FB FB FB FB FE
LF LF LF GB GB GB GB
2,200 pF
222
J
K
M FB FB FB FB FB FB FB FB LF LF LF GB GB GB GB
2,700 pF
272
J
K
M FB FB FB FB FB FB FB FB LF LF LF GB GB GB GB
3,300 pF
332
J
K
M FB FB FB FB FB FB FB FB LF LF
GB GB GB GB
3,900 pF
392
J
K
M FB FB FB FB FB FB FB FB LF LF
GB GB GB GB
HB HB HB
4,700 pF
472
J
K
M FB FB FB FB FB FB FB FB LD LD LD GB GB GB GD
HB HB HB
KE KE KE
5,600 pF
562
J
K
M FB FB FB FB FB FB FB FB LD LD LD GB GB GB GH
HB HB HB
KE KE KE
6,800 pF
682
J
K
M FB FB FB FB FB FB FB FB LD LD LD GB GB GB GB GB HB HB HB
JE JE JE
KE KE KE
8,200 pF
822
J
K
M FB FB FB FB FB FB FB FB LD LD LD GB GB GB GB GB HB HB HB
JE JE JE
KE KE KE
10,000 pF
103
J
K
M FB FB FB FB FB FB FB FB LD LD LD GB GB GB GB GB HB HB HE
JE JE JE
KE KE KE
12,000 pF
123
J
K
M FB FB FB FB FB FB FB FB LD LD LD GB GB GB GB GB HB HB HE
JE JE JE
KE KE KE
15,000 pF
153
J
K
M FB FB FB FB FB FB FB FB LD LD LD GB GB GB GB GB HB HB
JE JE JE
KE KE KE
18,000 pF
183
J
K
M FB FB FB FB FB FB FB FB LD LD LD GB GB GB GB GB HB HE
JE JE JE
KE KE
22,000 pF
223
J
K
M FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB HB HB HB HB JE JE JE
KE KE
27,000 pF
273
J
K
M FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB HB HB HB HB JE JE JE
KE KE
33,000 pF
333
J
K
M FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB HB HB HB HB JB JB JB
KE
39,000 pF
393
J
K
M FB FB FB FB FB FB FB FB LD LD
GB GB GB GB GB HB HB HB HB JB JB JB
47,000 pF
473
J
K
M FB FB FB FB FB FB FC FC LD LD
GB GB GB GB GB HB HB HB HB JB JB JB
56,000 pF
563
J
K
M FB FB FB FB FB FB FC FC LD LD
GB GB GB GB GB HB HB HB HB JB JB JB
68,000 pF
683
J
K
M FB FB FB FB FB FB FC FC LD
GB GB GB GB GB HB HB HB HB JB JB JB
82,000 pF
823
J
K
M FB FB FB FB FB FC FF FF LD
GB GB GB GB GB HB HB HB HB JC JC JC JC JC
0.10 µF
104
J
K
M FB FB FB FB FB FD FG FG LD
GB GB GB GB GB HB HB HB HB JC JC JC JC JC KC KC KC KC
0.12 µF
124
J
K
M FB FB FB FB FB FD FH FH LD
GB GB GB GB GB HB HB HB HB JC JC JC JC JC KC KC KC KC
0.15 µF
154
J
K
M FC FC FC FC FC FD FM FM LD
GB GB GB GE GE HB HB HB HB JC JC JC JC JC KC KC KC KC
0.18 µF
184
J
K
M FC FC FC FC FC FD FK FK LD
GB GB GB GG GG HB HB HB HB JC JC JC JC JC KC KC KC KC
0.22 µF
224
J
K
M FC FC FC FC FC FD FK FK
GB GB GB GG GG HB HB HB HB JC JC JC JC JC KC KC KC KC
0.27 µF
274
J
K
M FC FC FC FC FC FD
GB GB GG GG GG HB HB HB HB JC JC JC JC JC KB KC KC KC
0.33 µF
334
J
K
M FD FD FD FD FD FD
GB GB GG GG GG HB HB HB HB JC JC JC JC JC KB KC KC KC
0.39 µF
394
J
K
M FD FD FD FD FD FD
GB GB GG GG GG HB HB HD HD JC JC JC JC JC KB KC KC KC
0.47 µF
474
J
K
M FD FD FD FD FD FD
GB GB GG GJ GJ HB HB HD HD JC JC JC JC JC KB KC KD KD
0.56 µF
564
J
K
M FD FD FD FD FD FF
GC GC GG
HB HD HD HD JC JC JC JD JD KB KC KD KD
0.68 µF
684
J
K
M FD FD FD FD FD FG
GC GC GG
HB HD HD HD JC JC JD JD JD KB KC KD KD
0.82 µF
824
J
K
M
FF FF FF FF FF FL
GE GE GG
HB HF HF HF JC JC JF JF JF KB KC KE KE
1.0 µF
105
J
K
M FH FH FH FH FH FM
GE GE GG
HB HF HF HF JC JC JF JF JF KB KD KE KE
1.2 µF
125
J
K
M FH FH FH FH FG
HB
JC JC
KB KE KE KE
1.5 µF
155
J
K
M FH FH FH FH FG
HC
JC JC
KC
1.8 µF
185
J
K
M FH FH FH FH FG
HD
JD JD
KD
2.2 µF
225
J
K
M
FJ FJ FJ FJ FG
GO GO
HF
JF JF
KD
2.7 µF
275
J
K
M FE FE FE FG FH
3.3 µF
335
J
K
M
FF FF FF FM FM
3.9 µF
395
J
K
M FG FG FG FG FK
4.7 µF
475
J
K
M FC FC FC FG FS
GK GK
JF JF
5.6 µF
565
J
K
M
FF FF FF FH
6.8 µF
685
J
K
M FG FG FG FM
8.2 µF
825
J
K
M FH FH FH FK
Cap
Cap
Code
Rated Voltage
(VDC)
Voltage Code
9
8
4
3
5
1
2
A
5
1
2
3
5
1
2
A
5
1
2
A
3
5
1
2
A
5
1
2
A
Case Size/
Series
C1210C
C1808C
C1812C
C1825C
C2220C
C2225C


Similar Part No. - C1210C226M3RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
More results

Similar Description - C1210C226M3RALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com