Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C225M5UACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210C225M5UACTU
Description  Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C225M5UACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C1210C225M5UACTU Datasheet HTML 1Page - Kemet Corporation C1210C225M5UACTU Datasheet HTML 2Page - Kemet Corporation C1210C225M5UACTU Datasheet HTML 3Page - Kemet Corporation C1210C225M5UACTU Datasheet HTML 4Page - Kemet Corporation C1210C225M5UACTU Datasheet HTML 5Page - Kemet Corporation C1210C225M5UACTU Datasheet HTML 6Page - Kemet Corporation C1210C225M5UACTU Datasheet HTML 7Page - Kemet Corporation C1210C225M5UACTU Datasheet HTML 8Page - Kemet Corporation C1210C225M5UACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1004_Z5U_SMD • 2/29/2016
1
One world. One KEMET
Overview
KEMET’s Z5U dielectric features an 85°C maximum
operating temperature and is considered “general-purpose.”
The Electronics Components, Assemblies & Materials
Association (EIA) characterizes Z5U dielectric as a Class III
material. Components of this classification are fixed, ceramic
dielectric capacitors suited for bypass and decoupling or other
applications in which dielectric losses, high insulation resistance
and capacitance stability are not of major importance. Z5U exhibits
a predictable change in capacitance with respect to time and
voltage and displays wide variations in capacitance with reference
to ambient temperature. Capacitance change is limited to +22%,
−56% from +10°C to +85°C.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Z5U Dielectric, 50 – 100 VDC (Commercial Grade)
Ordering Information
C
1825
C
225
M
5
U
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Dielectric Failure Rate/
Design
Termination Finish1 Packaging/Grade
(C-Spec)
0805
1206
1210
1812
1825
2225
C = Standard
Two significant
digits + number
of zeros
M = ±20%
Z = +80%/-20
5 = 50
1 = 100
U = Z5U
A = N/A
C = 100% Matte
Sn
See
"Packaging
C-Spec
Ordering
Options Table"
below
1
Additional termination finish options may be available. Contact KEMET for details.
Benefits
• +10°C to +85°C operating temperature range
• Lead (Pb)-Free, RoHS and REACH compliant
• EIA 0805, 1206, 1210, 1812, 1825, and 2225 case sizes
• DC voltage ratings of 50 and 100 V
• Capacitance offerings ranging from 6,800 pF to 2.2 μF
• Available capacitance tolerances of ±20% and +80%/-20%
• Non-polar device, minimizing installation concerns
• 100% pure matte tin-plated termination finish allowing for
excellent solderability
Applications
Typical applications include limited temperature, decoupling and
bypass.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C1210C225M5UACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C225M5RAC KEMET-C1210C225M5RAC Datasheet
179Kb / 2P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric - Capacitance Extensions
C1210C225M5RACAUTO KEMET-C1210C225M5RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C1210C225M5UACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C105Z4VACTU KEMET-C1206C105Z4VACTU Datasheet
1Mb / 17P
   Y5V Dielectric, 6.3 ??50 VDC (Commercial Grade)
C1206C107M9PACTU KEMET-C1206C107M9PACTU Datasheet
1Mb / 22P
   X5R Dielectric, 4 ??50 VDC (Commercial Grade)
C1210C226Z4VACTU KEMET-C1210C226Z4VACTU Datasheet
1Mb / 18P
   Y5V Dielectric, 6.3- 50 VDC (Commercial Grade)
C410C105M3U5TA7200 KEMET-C410C105M3U5TA7200 Datasheet
2Mb / 14P
   Aximax, 400, Conformally Coated, Z5U Dielectric, 25 and 250 VDC (Commercial Grade)
C410C104M5U5TA KEMET-C410C104M5U5TA Datasheet
59Kb / 1P
   AxiMax 400 Comm Z5U, Ceramic, 0.1 uF, 20%, 50 VDC, Z5U, AxiMax, Commercial Standard
C440C105M5U5TA7200 KEMET-C440C105M5U5TA7200 Datasheet
65Kb / 1P
   AxiMax 400 Comm Z5U, Ceramic, 1 uF, 20%, 50 VDC, Z5U, AxiMax, Commercial Standard
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com