Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2360 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2360
Description  High Efficiency Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2360 Datasheet(HTML) 4 Page - Analog Devices

  ADP2360 Datasheet HTML 1Page - Analog Devices ADP2360 Datasheet HTML 2Page - Analog Devices ADP2360 Datasheet HTML 3Page - Analog Devices ADP2360 Datasheet HTML 4Page - Analog Devices ADP2360 Datasheet HTML 5Page - Analog Devices ADP2360 Datasheet HTML 6Page - Analog Devices ADP2360 Datasheet HTML 7Page - Analog Devices ADP2360 Datasheet HTML 8Page - Analog Devices ADP2360 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
ADP2360
Rev. 0 | Page 3 of 15
SPECIFICATIONS
VIN = VEN = 24 V, VOUT = 3.3 V, typical values are at TA = 25°C, and minimum/maximum limits are guaranteed for TJ = −40°C to +125°C,
unless otherwise noted. All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
Table 1.
Parameters
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE SUPPLY RANGE
VIN
4.5
60
V
QUIESCENT CURRENT
Sleep Mode
IQ_SLEEP
Between switching cycles,
FB > VFB_RISING
12
23
µA
Active
IQ_ACTIVE
During switching cycle, FB < VFB_FALLING
140
165
µA
Shutdown Current
IQ_SHUTDOWN
VEN = 0 V, TJ = −40°C to +85°C
0.8
4
µA
UNDERVOLTAGE LOCKOUT (UVLO)
VIN UVLO Rising Threshold
VUVLO_RISING
4.3
4.4
4.5
V
VIN UVLO Falling Threshold
VUVLO_FALLING
4.1
4.2
4.3
V
SOFT START (SS)
SS Pin Current
ISS
VSS = 0 V
0.75
1
1.25
µA
PRECISION ENABLE LOGIC/SHUTDOWN
EN Pin Voltage Range
VEN
0
60
V
EN Threshold Rising
VEN_RISING
0.95
1
1.05
V
EN Hysteresis
VEN_HYS
50
mV
EN Pin Leakage Current
IEN_LEAKAGE
VIN = VEN = 60 V
0.1
0.5
µA
Shutdown Threshold
VEN_SHUTDOWN
0.35
0.57
0.7
V
FEEDBACK
Adjustable Output Voltage Range
VOUT
0.8
VIN
V
FB Falling Threshold
VFB_FALLING
Adjustable output voltage model
0.792
0.800
0.808
V
Fixed 3.3 V output voltage model
3.267
3.300
3.333
V
Fixed 5.0 V output voltage model
4.950
5.000
5.050
V
FB Rising Threshold
VFB_RISING
Adjustable output voltage model
0.794
0.803
0.812
V
Fixed 3.3 V output voltage model
3.284
3.317
3.349
V
Fixed 5.0 V output voltage model
4.975
5.025
5.075
V
FB Pin Current
IFB
Adjustable output voltage models
0.005
0.1
µA
Fixed output voltage models
1.15
1.5
µA
SWITCH (SW) PARAMETERS
On Resistance
Positive Metal Oxide Semiconductor (PMOS)
RDSON_P
ISW = 50 mA
4
8
Ω
Negative Metal Oxide Semiconductor (NMOS)
RDSON_N
ISW = 50 mA
2
4
Ω
Leakage Current
PMOS
VSW = 0 V
1
µA
NMOS
VSW = 24 V
1
µA
Discharge Resistor
EN = 0 V
100
INDUCTOR CURRENT LIMIT
ITH Threshold Voltage
VITH
0.967
1
1.018
V
Peak Current Limit
IPEAK
RITH = 0 Ω, at power-up
126
140
154
mA
RITH = open, at power-up
45
50
55
mA
Minimum PMOS on Time
tPMOS (MIN)
ISW = 20 mA, RITH = open
35
ns
POWER GOOD (PG)
PG Pin Voltage Range
VPG
0
60
V
PG Pin Pull-Down Resistance
RPG
1.0
1.5
Rising Threshold
VPG_RISING
Adjustable output voltage model
0.740
0.760
V
Fixed 3.3 V output voltage model
3.053
3.135
V
Fixed 5.0 V output voltage model
4.625
4.750
V


Similar Part No. - ADP2360

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2360 AD-ADP2360 Datasheet
2Mb / 75P
   Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
More results

Similar Description - ADP2360

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3541-2 LINER-LTC3541-2_15 Datasheet
380Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3_15 Datasheet
423Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-1 LINER-LTC3541-1 Datasheet
378Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3 Datasheet
400Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2 Datasheet
336Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541 Datasheet
367Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541_15 Datasheet
391Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-1 LINER-LTC3541-1_15 Datasheet
401Kb / 20P
   High Efficiency Buck VLDO Regulator
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
logo
Sipex Corporation
SP6655ER-L SIPEX-SP6655ER-L Datasheet
207Kb / 16P
   High Efficiency 400mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com