Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF702BCPZ-3 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-BF702BCPZ-3
Description  Instruction set compatible with previous Blackfin products
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF702BCPZ-3 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-BF702BCPZ-3 Datasheet HTML 1Page - Analog Devices ADSP-BF702BCPZ-3 Datasheet HTML 2Page - Analog Devices ADSP-BF702BCPZ-3 Datasheet HTML 3Page - Analog Devices ADSP-BF702BCPZ-3 Datasheet HTML 4Page - Analog Devices ADSP-BF702BCPZ-3 Datasheet HTML 5Page - Analog Devices ADSP-BF702BCPZ-3 Datasheet HTML 6Page - Analog Devices ADSP-BF702BCPZ-3 Datasheet HTML 7Page - Analog Devices ADSP-BF702BCPZ-3 Datasheet HTML 8Page - Analog Devices ADSP-BF702BCPZ-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 116 page
background image
Rev. A
|
Page 3 of 116
|
September 2015
ADSP-BF700/701/702/703/704/705/706/707
GENERAL DESCRIPTION
The ADSP-BF70x processor is a member of the Blackfin
®
family of products. The Blackfin processor combines a dual-
MAC 16-bit state-of-the-art signal processing engine, the
advantages of a clean, orthogonal RISC-like microprocessor
instruction set, and single-instruction, multiple-data (SIMD)
multimedia capabilities into a single instruction-set architec-
ture. New enhancements to the Blackfin+ core add 32-bit MAC
and 16-bit complex MAC support, cache enhancements, branch
prediction and other instruction set improvements—all while
maintaining instruction set compatibility to previous Blackfin
products.
The processor offers performance up to 400 MHz, as well as low
static power consumption. Produced with a low-power and low-
voltage design methodology, they provide world-class power
management and performance.
By integrating a rich set of industry-leading system peripherals
and memory (shown in Table 1), the Blackfin processor is the
platform of choice for next-generation applications that require
RISC-like programmability, multimedia support, and leading-
edge signal processing in one integrated package. These applica-
tions span a wide array of markets, from automotive systems to
embedded industrial, instrumentation, video/image analysis,
biometric and power/motor control applications.
Table 1. Processor Comparison
Processor Feature
ADSP-
BF700
ADSP-
BF701
ADSP-
BF702
ADSP-
BF703
ADSP-
BF704
ADSP-
BF705
ADSP-
BF706
ADSP-
BF707
Maximum Speed Grade (MHz)
1
200
400
Maximum SYSCLK (MHz)
100
200
Package Options
88-Lead
LFCSP
184-Ball
CSP_BGA
88-Lead
LFCSP
184-Ball
CSP_BGA
88-Lead
LFCSP
184-Ball
CSP_BGA
88-Lead
LFCSP
184-Ball
CSP_BGA
GPIOs
43
47
43
47
43
47
43
47
L1 Instruction SRAM
48K
L1 Instruction SRAM/Cache
16K
L1 Data SRAM
32K
L1 Data SRAM/Cache
32K
L1 Scratchpad (L1 Data C)
8K
L2 SRAM
128K
256K
512K
1024K
L2 ROM
512K
DDR2/LPDDR (16-bit)
No
Yes
No
Yes
No
Yes
No
Yes
I2C
1
Up/Down/Rotary Counter
1
GP Timer
8
Watchdog Timer
1
GP Counter
1
SPORTs
2
Quad SPI
2
Dual SPI
1
SPI Host Port
1
USB 2.0 HS OTG
1
Parallel Peripheral Interface
1
CAN
2
UART
2
Real-Time Clock
1
Static Memory Controller (SMC)
Yes
Security Crypto Engine
Yes
SD/SDIO (MSI)
4-bit
8-bit
4-bit8-bit
4-bit8-bit
4-bit8-bit
4-Channel 12-Bit ADC
NoYes
No
YesNoYes
No
Yes
1 Other speed grades available.


Similar Part No. - ADSP-BF702BCPZ-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF504 AD-ADSP-BF504 Datasheet
4Mb / 80P
   Blackfin Embedded Processor
Rev. PrC
ADSP-BF504F AD-ADSP-BF504F Datasheet
4Mb / 80P
   Blackfin Embedded Processor
Rev. PrC
ADSP-BF506F AD-ADSP-BF506F Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
ADSP-BF506F AD-ADSP-BF506F Datasheet
4Mb / 80P
   Blackfin Embedded Processor
Rev. PrC
ADSP-BF512 AD-ADSP-BF512 Datasheet
1Mb / 62P
   Blackfin Embedded Processor
Rev. PrE
More results

Similar Description - ADSP-BF702BCPZ-3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC912DG128ACPVE FREESCALE-MC912DG128ACPVE Datasheet
2Mb / 478P
   Upward compatible with M68HC11 instruction set
logo
SyncMOS Technologies,In...
SM59R02G1 SYNCMOS-SM59R02G1 Datasheet
786Kb / 57P
   Instruction-set compatible with MCS-51
SM59A16U1 SYNCMOS-SM59A16U1 Datasheet
2Mb / 146P
   Instruction-set compatible with MCS-51
logo
Freescale Semiconductor...
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
   HC08 instruction set with added BGND instruction
MC9S08GW64 FREESCALE-MC9S08GW64_11 Datasheet
1,011Kb / 42P
   HC08 instruction set with added BGND instruction
logo
SINOWEALTH Electronic L...
SH79F1617 SINOWEALTH-SH79F1617 Datasheet
1Mb / 99P
   8bits micro-controller with Pipe-line structured 8051 compatible instruction set
V2.0
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
   Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
   Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
   Extended instruction set
March 2015 Rev 4
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
1,011Kb / 96P
   SAM47 INSTRUCTION SET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com