Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL345TCCZ-EP Datasheet(PDF) 7 Page - Analog Devices

Part # ADXL345TCCZ-EP
Description  ADXL345-EP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL345TCCZ-EP Datasheet(HTML) 7 Page - Analog Devices

Back Button ADXL345TCCZ-EP Datasheet HTML 3Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 4Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 5Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 6Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 7Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 8Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 9Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 10Page - Analog Devices ADXL345TCCZ-EP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Enhanced Product
ADXL345-EP
Rev. B | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
150
100
50
0
–50
–100
–150
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 3. X-Axis Zero g Offset vs. Temperature—
Eight Parts in Sockets, VS = 3.6 V
150
100
50
0
–50
–100
–150
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 4. Y-Axis Zero g Offset vs. Temperature—
Eight Parts in Sockets, VS = VDDI/O = 3.6 V
250
200
150
100
50
0
–50
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 5. Z-Axis Zero g Offset vs. Temperature—
Eight Parts in Sockets, VS = VDDI/O = 3.6 V
150
100
50
0
–50
–100
–150
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 6. X-Axis Zero g Offset vs. Temperature—
Eight Parts in Sockets, VS = 2.5 V
150
100
50
0
–50
–100
–150
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 7. Y-Axis Zero g Offset vs. Temperature—
Eight Parts Soldered to PCB, VS = VDD I/O = 2.5 V
100
0
150
250
200
50
–50
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
Figure 8. Z-Axis Zero g Offset vs. Temperature—
Eight Parts Soldered to PCB, VS = VDD I/O = 2.5 V


Similar Part No. - ADXL345TCCZ-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL345TCCZ-EP AD-ADXL345TCCZ-EP Datasheet
656Kb / 40P
   Digital Accelerometer
REV. D
More results

Similar Description - ADXL345TCCZ-EP

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ADXL345 SPARKFUN-ADXL345 Datasheet
205Kb / 7P
   ADXL345 Quickstart Guide
2/12/2015
logo
YUXIANG Magnetc materia...
EP7 YUXIANG-EP7 Datasheet
105Kb / 2P
   EP Core
logo
Fair-Rite Products Corp...
6578070121 FAIR-RITE-6578070121 Datasheet
513Kb / 1P
   EP Cores
6578200121 FAIR-RITE-6578200121 Datasheet
514Kb / 1P
   EP Cores
6595100121 FAIR-RITE-6595100121 Datasheet
513Kb / 1P
   EP Cores
6595130121 FAIR-RITE-6595130121 Datasheet
512Kb / 1P
   EP Cores
6578170121 FAIR-RITE-6578170121 Datasheet
513Kb / 1P
   EP Cores
6598100121 FAIR-RITE-6598100121 Datasheet
513Kb / 1P
   EP Cores
6578130121 FAIR-RITE-6578130121 Datasheet
514Kb / 1P
   EP Cores
6595070121 FAIR-RITE-6595070121 Datasheet
513Kb / 1P
   EP Cores
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com