Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuCM363BCPZ128RL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADuCM363BCPZ128RL7
Description  At 50 SPS continuous conversion mode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuCM363BCPZ128RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADuCM363BCPZ128RL7 Datasheet HTML 5Page - Analog Devices ADuCM363BCPZ128RL7 Datasheet HTML 6Page - Analog Devices ADuCM363BCPZ128RL7 Datasheet HTML 7Page - Analog Devices ADuCM363BCPZ128RL7 Datasheet HTML 8Page - Analog Devices ADuCM363BCPZ128RL7 Datasheet HTML 9Page - Analog Devices ADuCM363BCPZ128RL7 Datasheet HTML 10Page - Analog Devices ADuCM363BCPZ128RL7 Datasheet HTML 11Page - Analog Devices ADuCM363BCPZ128RL7 Datasheet HTML 12Page - Analog Devices ADuCM363BCPZ128RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADuCM362/ADuCM363
Rev. 0 | Page 9 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL INPUTS
All digital inputs
Input Leakage Current
Digital inputs except for the RESET,
SWCLK, and SWDIO pins
Logic 1
VINH = IOVDD or VINH = 1.8 V
140
μA
Internal pull-up disabled
1
nA
Logic 0
VINL = 0 V
160
μA
Internal pull-up disabled
10
nA
Input Leakage Current
RESET, SWCLK, and SWDIO pins
Logic 1
140
μA
Logic 0
160
μA
Input Capacitance1
10
pF
Logic Input Voltage
Low, VINL
0.2 × IOVDD
V
High, VINH
0.7 × IOVDD
V
Logic Output Voltage
High, VOH
ISOURCE = 1 mA
IOVDD − 0.4
V
Low, VOL
ISINK = 1 mA
0.4
V
CRYSTAL OSCILLATOR1
32.768 kHz crystal inputs
Logic Input Voltage, XTALI Only15
Low, VINL
0.8
V
High, VINH
1.7
V
XTALI Capacitance
6
pF
XTALO Capacitance
6
pF
ON-CHIP LOW POWER OSCILLATOR
Oscillator Frequency
32.768
kHz
Accuracy
−30
±10
+30
%
ON-CHIP HIGH FREQUENCY OSCILLATOR
Oscillator Frequency
16
MHz
Accuracy
−40°C to +125°C
−1.8
+1.4
%
Long Term Stability5
0.8
°C/1000 Hr
PROCESSOR CLOCK RATE1
Nine programmable core clock
selections within specified range
0.0625
0.5
16
MHz
Using an External Clock
0.032768
16
MHz
PROCESSOR START-UP TIME1
At Power-On
Includes kernel power-on execution
time
41
ms
After Reset Event
Includes kernel power-on execution
time
1.44
ms
From Processor Power-Down
(Mode 1, Mode 2, and Mode 3)
fCLK is the Cortex-M3 core clock
3 to 5
fCLK
From Total Halt or Hibernate Mode
(Mode 4 or Mode 5)
30.8
μs


Similar Part No. - ADuCM363BCPZ128RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM360 AD-ADUCM360 Datasheet
431Kb / 21P
   Low Power Precision Analog Microcontroller
Rev. Pr R
ADUCM360 AD-ADUCM360 Datasheet
375Kb / 7P
   Complete Closed-Loop Precision Analog Microcontroller Thermocouple
REV. A
ADUCM360 AD-ADUCM360 Datasheet
373Kb / 5P
   USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
REV. 0
ADUCM360 AD-ADUCM360 Datasheet
407Kb / 8P
   Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
REV. A
ADuCM360 AD-ADuCM360 Datasheet
418Kb / 5P
   Devices Connected
More results

Similar Description - ADuCM363BCPZ128RL7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0880 FAIRCHILD-KA1M0880 Datasheet
139Kb / 8P
   SPS
KA1M0280R FAIRCHILD-KA1M0280R Datasheet
99Kb / 8P
   SPS
KA2S0880 FAIRCHILD-KA2S0880 Datasheet
139Kb / 8P
   SPS
KA2S0680 FAIRCHILD-KA2S0680 Datasheet
139Kb / 8P
   SPS
KA1H0380 FAIRCHILD-KA1H0380 Datasheet
97Kb / 8P
   SPS
KA1H0365R FAIRCHILD-KA1H0365R Datasheet
99Kb / 8P
   SPS
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
   Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
logo
Optoway Technology Inc
SPS-4102WG OPTOWAY-SPS-4102WG Datasheet
203Kb / 6P
   SPS-4102WG / SPS-4102BWG (RoHS Compliant)
logo
TE Connectivity Ltd
150 TEC-150 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com