Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM152N0BRZ-RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADuM152N0BRZ-RL7
Description  High robustness to radiated and conducted noise
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM152N0BRZ-RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADuM152N0BRZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM152N0BRZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM152N0BRZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM152N0BRZ-RL7 Datasheet HTML 9Page - Analog Devices ADuM152N0BRZ-RL7 Datasheet HTML 10Page - Analog Devices ADuM152N0BRZ-RL7 Datasheet HTML 11Page - Analog Devices ADuM152N0BRZ-RL7 Datasheet HTML 12Page - Analog Devices ADuM152N0BRZ-RL7 Datasheet HTML 13Page - Analog Devices ADuM152N0BRZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ADuM150N/ADuM151N/ADuM152N
Data Sheet
Rev. 0 | Page 10 of 22
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
AC SPECIFICATIONS
Output Rise/Fall Time
t
R/tF
2.5
ns
10% to 90%
Common-Mode Transient Immunity7
|CM
H|
75
100
kV/µs
V
Ix = VDDx, VCM = 1000 V,
transient magnitude = 800 V
|CM
L|
75
100
kV/µs
V
Ix = 0 V, VCM = 1000 V,
transient magnitude = 800 V
1 150 Mbps is the highest data rate that can be guaranteed, although higher data rates are possible.
2 I
Ox is the Channel x output current, where x = A, B, C, D, or E.
3 V
IxH is the input side logic high.
4 V
IxL is the input side logic low.
5 V
I is the voltage input.
6 N0 refers to the ADuM150N0/ADuM151N0/ADuM152N0 models. N1 refers to the ADuM150N1/ADuM151N1/ADuM152N1 models. See the Ordering Guide section.
7 |CM
H| is the maximum common-mode voltage slew rate that can be sustained while maintaining the voltage output (VO) > 0.8 VDDx. |CML| is the maximum common-
mode voltage slew rate that can be sustained while maintaining VO > 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode
voltage edges.
Table 8. Total Supply Current vs. Data Throughput
1 Mbps
25 Mbps
100 Mbps
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SUPPLY CURRENT
ADuM150N
Supply Current Side 1
I
DD1
9.07
14.0
10.0
16.2
13.8
21.8
mA
Supply Current Side 2
I
DD2
3.30
5.30
4.55
7.75
8.71
16.4
mA
ADuM151N
Supply Current Side 1
I
DD1
7.99
13.3
8.98
15.3
12.8
21.1
mA
Supply Current Side 2
I
DD2
4.89
8.56
6.06
10.7
10.1
17.8
mA
ADuM152N
Supply Current Side 1
I
DD1
6.62
11.1
7.68
13.1
11.6
18.3
mA
Supply Current Side 2
I
DD2
6.38
10.1
7.45
11.9
11.5
18.7
mA


Similar Part No. - ADuM152N0BRZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1510 AD-ADUM1510 Datasheet
264Kb / 12P
   5-Channel, Unidirectional Digital Isolator
Rev. A
ADUM1510 AD-ADUM1510 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM1510 AD-ADUM1510 Datasheet
217Kb / 12P
   5-Channel, Unidirectional Digital Isolator
REV. B
ADUM1510BRWZ AD-ADUM1510BRWZ Datasheet
264Kb / 12P
   5-Channel, Unidirectional Digital Isolator
Rev. A
ADUM1510BRWZ AD-ADUM1510BRWZ Datasheet
217Kb / 12P
   5-Channel, Unidirectional Digital Isolator
REV. B
More results

Similar Description - ADuM152N0BRZ-RL7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT005V2 STMICROELECTRONICS-STEVAL-IHT005V2 Datasheet
403Kb / 4P
   Relay to demonstrate board noise robustness
logo
Lumileds Lighting Compa...
DS127 LUMILEDS-DS127 Datasheet
1Mb / 16P
   Reliability and robustness
logo
Roithner LaserTechnik G...
LED760-40K42 ROITHNER-LED760-40K42 Datasheet
60Kb / 1P
   High radiated intensity
logo
Anaren Microwave
A2530E24AZ1 ANAREN-A2530E24AZ1 Datasheet
975Kb / 2P
   Excellent receiver sensitivity and robustness to interference
A2530R24AZ1 ANAREN-A2530R24AZ1 Datasheet
954Kb / 2P
   Excellent receiver sensitivity and robustness to interference
logo
Infineon Technologies A...
FD800R45KL3-K_B5 INFINEON-FD800R45KL3-K_B5_15 Datasheet
611Kb / 12P
   High Dynamic Robustness
2015-09-14 revision:3.0
logo
Powerbox
DP500IP POWERBOX-DP500IP Datasheet
246Kb / 2P
   Very high transient robustness
logo
Johanson Technology Inc...
0900AT43A0070 JOHANSON-0900AT43A0070 Datasheet
1,001Kb / 8P
   Radiated Efficiency
logo
JMK Inc.
GF-2032-2 JMK-GF-2032-2 Datasheet
561Kb / 1P
   This filter was developed to suppress conducted electrical noise from MRI LED lighting systems.
logo
Pulse A Technitrol Comp...
PE-68624NLT PULSE-PE-68624NLT Datasheet
1Mb / 3P
   Reduces radiated EMI emissions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com