Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESX10-TC-124-DC12V-2A-E Datasheet(PDF) 2 Page - ETAL Group

Part # ESX10-TC-124-DC12V-2A-E
Description  Selective load protection, electronic trip characteristics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX10-TC-124-DC12V-2A-E Datasheet(HTML) 2 Page - ETAL Group

  ESX10-TC-124-DC12V-2A-E Datasheet HTML 1Page - ETAL Group ESX10-TC-124-DC12V-2A-E Datasheet HTML 2Page - ETAL Group ESX10-TC-124-DC12V-2A-E Datasheet HTML 3Page - ETAL Group ESX10-TC-124-DC12V-2A-E Datasheet HTML 4Page - ETAL Group ESX10-TC-124-DC12V-2A-E Datasheet HTML 5Page - ETAL Group ESX10-TC-124-DC12V-2A-E Datasheet HTML 6Page - ETAL Group ESX10-TC-124-DC12V-2A-E Datasheet HTML 7Page - ETAL Group ESX10-TC-124-DC12V-2A-E Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.e-t-a.de
Electronic Circuit Protector ESX10-TC DC 12 V
1642
2
4
Storage temperature
-40...+70 °C
Humidity
96 hrs/95 % RH/40 °C to
IEC 60068-2-78, test Cab.
climate class 3K3 to EN 60721
Vibration
3 g, test to IEC 60068-2-6 test Fc
Degree of protection
housing: IP20 DIN 40050
terminals: IP20 DIN 40050
EMC
emission: EN 61000-6-3
(EMC directive, CE logo)
susceptibility: EN 61000-6-2
Insulation co-ordination
0.5 kV/2 pollution degree 2
(IEC 60934)
re-inforced insulation in operating area
Dielectric strength
max. DC 18 V (load circuit)
Insulation resistance
(OFF condition)
n/a, only electronic disconnection
Approvals
CE-logo
UL 2367, File # E306740,
Solid State Overcurrent Protectors
UL 508, File # E322549
Dimensions (W x H x D)
12.5 x 80 x 83 mm
Mass
approx. 65 g
Please note:
l
The user should ensure that the cable cross sections of the
relevant load circuit are suitable for the current rating of the
ESX10-T used.
l
Automatic start-up of machinery after shut down must be prevented
(Machinery Directive 98/37/EG and EN 60204-1). In the event of
a short circuit or overload the load circuit will be disconnected
electronically by the ESX10-T.
Table 1: voltage drop, current limitation, max. load current
Status output SF
ESX10-TC-114/-124
Electrical data
plus-switching signal output,
connects US to terminal 12 of
module 17plus
nominal data: DC 12 V/max. 0.2 A
(short circuit proof)
status output is internally connected to
GND with a 10 kΩ resistor
Status OUT
ESX10-TC-114/-124 (signal status OUT),
+12 V = S1 is ON, load output connected
through 0V = S1 is ON, load output
blocked and/or switch S1 is OFF
red LED lighted
OFF condition
0 V level at status output when:
l
switch S1 is in ON position, but device
is still in switch-on delay
l
switch S1 is OFF, or control signal
OFF, device is switched off
l
no operating voltage US
Reset input RE
ESX10-TC-124
Electrical data
voltage: max. +DC 32 V
high > DC 4.5 V ≤ DC 18 V
low ≤ DC 2.5 V > 0 V
power consumption typically 1.4 mA
(+DC 12 V)
min. pulse duration typically 10 ms
Reset signal RE
The electronically blocked
(terminal 22)
ESX10-TC-124 may remotely be reset via
an external momentary switch due to the
falling edge of a + DC 12 V pulse.
A common reset signal can be applied to
several devices simultaneously.
Switched on devices remain unaffected.
Control input IN+
ESX10-TC-114
Electrical data
see reset input RE
Control signal IN+
+ 12 V level (HIGH): device will be switched
(terminal 21) on by a remote ON/OFF
signal
0 V level (LOW): device will be switched
off by a remote ON/OFF signal
Switch S1 ON/OFF
unit can only be switched on with S1 if a
HIGH level is applied to IN+
General data
Fail-safe element:
backup fuse for ESX10-T not required
because of the integral
redundant fail-safe element
Terminals
LINE+ / LOAD+ / 0V
screw terminals
M4
max. cable cross section
flexible with wire end ferrule w/wo plastic sleeve
0.5 – 10 mm2
multi-lead connection
(2 identical cables)
rigid/flexible
0.5 – 4 mm2
flexible with wire end ferrule without plastic sleeve
0.5 – 2,5 mm2
flexible with TWIN wire end ferrule with plastic sleeve 0.5 – 6 mm2
wire stripping length
10 mm
tightening torque (EN 60934)
1.5 – 1.8 Nm
Terminals
aux. contacts
screw terminals
M3
max. cable cross section
flexible with wire end ferrule w/wo plastic sleeve
0.25 – 2.5 mm2
wire stripping length
8 mm
tightening torque (EN 60934)
0.5 – 0.6 Nm
Housing material
moulded
Mounting
symmetrical rail to EN 50022-35x7.5
Ambient temperature
at DC 12 V: -20...+60 °C (without
condensation, see EN 60204-1)
with condensation upon request
Technical data (Tambient = 25 °C, operating voltage US = DC 12 V)
Technical data (Tambient = 25 °C, operating voltage US = DC 12 V
Attention
current
rating IN
typically voltage
drop UON at IN
active current
limitation ILimit
(typically)
max. load current at
100% ON duty
Ta = 40 ° C
Ta = 50 ° C
1 A
80 mV
1.8 x IN
1 A
1 A
2 A
130 mV
1.8 x IN
2 A
2 A
3 A
80 mV
1.8 x IN
3 A
3 A
4 A
100 mV
1.8 x IN
4 A
4 A
6 A
130 mV
1.8 x IN
6 A
5 A
10 A
150 mV
1.5 x IN
10 A
9 A
Attention: when mounted side-by-side without convection the ESX10-T
should not carry more than 80 % of its rated load with 100 % ON duty due to
thermal effects.


Similar Part No. - ESX10-TC-124-DC12V-2A-E

ManufacturerPart #DatasheetDescription
logo
ETAL Group
ESX10-TA-100DC24V-0.5A-E ETAL-ESX10-TA-100DC24V-0.5A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-1A-E ETAL-ESX10-TA-100DC24V-1A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-2A-E ETAL-ESX10-TA-100DC24V-2A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-3A-E ETAL-ESX10-TA-100DC24V-3A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-TA-100DC24V-6A-E ETAL-ESX10-TA-100DC24V-6A-E Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
More results

Similar Description - ESX10-TC-124-DC12V-2A-E

ManufacturerPart #DatasheetDescription
logo
ETAL Group
ESX10 ETAL-ESX10 Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TD ETAL-ESX10-TD Datasheet
2Mb / 14P
   Selective load protection, electronic trip characteristics
ESX10-S ETAL-ESX10-S Datasheet
303Kb / 6P
   Selective load protection, electronic trip curve
logo
Altech corporation
3DU5 ALTECH-3DU5 Datasheet
153Kb / 3P
   D-TRIP CHARACTERISTICS
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403 TERIDIAN-71M6403 Datasheet
594Kb / 75P
   Electronic Trip Unit
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
   DC Electronic Load
logo
Keysight Technologies
BENCHVUEELA KEYSIGHT-BENCHVUEELA Datasheet
1Mb / 5P
   BenchVue Electronic Load App
logo
ITECH ELECTRONIC CO.,LT...
IT8518 ITECH-IT8518 Datasheet
1,011Kb / 44P
   Programmable DC Electronic Load
ReservedVer2,0/Jan, 2010
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com