Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C317C160J5G5TA Datasheet(PDF) 1 Page - Kemet Corporation

Part # C317C160J5G5TA
Description  Capacitor, ceramic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C317C160J5G5TA Datasheet(HTML) 1 Page - Kemet Corporation

  C317C160J5G5TA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/09/2016 - 56bf1081-5c96-4506-9f2e-a4027967ebdb
KEMET Part Number: C317C160J5G5TA
Capacitor, ceramic, 16 pF, +/-5% Tol, 50 V, C0G, Lead Spacing=0.2"
Dimensions (mm)
Symbol
Dimension
Tolerance
L
3.81
MAX
H
5.08
MAX
T
2.54
MAX
S
5.08
NOM
LL
7
MIN
F
0.51
NOM
Packaging Specifications
Package Kind: Bulk
Package Type: Bag
Package Quantity: 500
General Information
Supplier: KEMET
Application: General Purpose
Temperature Coefficient: C0G
Body Type: Radial Conformal
Lead Type: Wire Leads
Termination Type: Tin (Sn)
RoHS: Yes
Specifications
Capacitance: 16 pF
Voltage: 50 V
Tolerance: +/-5%
Temperature Range: -55/+125C
Failure Rate: N/A
Dissipation Factor: 0.1%
Insulation Resistance: 100 GOhm
Dielectric Strength: 125 V
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C317C160J5G5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C317C100J2G5TA KEMET-C317C100J2G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 10 pF, 5%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C100J2G5TA91707303 KEMET-C317C100J2G5TA91707303 Datasheet
65Kb / 1P
   GoldMax 300 Auto C0G, Ceramic, 10 pF, 5%, 200 VDC, C0G, GoldMax, Automotive Grade, Lead Spacing = 5.08mm
C317C100J5G5TA KEMET-C317C100J5G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic, 10 pF, /-5% Tol, 50 V, C0G, Lead Spacing=0.2"||" "918046
Digital Proximity, Ambient Light, RGB and Gesture
C317C100K2G5TA KEMET-C317C100K2G5TA Datasheet
58Kb / 1P
   GoldMax 300 Comm C0G, Ceramic, 10 pF, 10%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C317C101J1G5TA KEMET-C317C101J1G5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 100 pF, 5%, 100 V, C0G, Lead Spacing = 5.08mm
More results

Similar Description - C317C160J5G5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C322C152K5R5TA KEMET-C322C152K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C052H104K5G5GAT500 KEMET-C052H104K5G5GAT500 Datasheet
53Kb / 1P
   Capacitor, ceramic
C315C301J1G5TA KEMET-C315C301J1G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C316C103K5R5TA KEMET-C316C103K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C317C360J5G5TA KEMET-C317C360J5G5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
C322C123K5R5TA KEMET-C322C123K5R5TA Datasheet
56Kb / 1P
   Capacitor, ceramic
ARR09F125MGS KEMET-ARR09F125MGS Datasheet
51Kb / 1P
   Capacitor, ceramic
HT55BB562KN KEMET-HT55BB562KN Datasheet
49Kb / 1P
   Capacitor, ceramic
HT05CN471JN KEMET-HT05CN471JN Datasheet
52Kb / 1P
   Capacitor, ceramic
HT06BB105KN KEMET-HT06BB105KN Datasheet
51Kb / 1P
   Capacitor, ceramic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com