Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

583-G151-J1M1 Datasheet(PDF) 1 Page - ETAL Group

Part # 583-G151-J1M1
Description  Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

583-G151-J1M1 Datasheet(HTML) 1 Page - ETAL Group

  583-G151-J1M1 Datasheet HTML 1Page - ETAL Group 583-G151-J1M1 Datasheet HTML 2Page - ETAL Group 583-G151-J1M1 Datasheet HTML 3Page - ETAL Group 583-G151-J1M1 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Performance Thermal Circuit Breaker 583-...
www.e-t-a.de
1646
1
1
Description
Typical applications
Technical data
Three pole, miniaturised, aircraft style thermal circuit breaker with
tease-free, trip-free, snap action mechanism and push/pull on/off
manual actuation (M-type TO CBE to EN 60934). An indicator band
on the push button clearly shows the tripped/off position. Threadneck
panel mounted, available in metric and US (AS 14154) configurations.
Advanced two-chamber design minimises contact contamination to
provide fail-safe operation. Temperature compensated with optional
auxiliary contacts, and fully approved for use on a wide range of
aircraft and equipment.
Various dummies are available without protective function, allowing
connection of pre-installed wiring without loads.
Aircraft systems and equipment (fixed wing and helicopters); other extra
low voltage wiring applications; defence equipment; communications
systems.
583-...
without auxiliary contact
with auxiliary contact
Voltage rating
3 AC 200 V (300 Hz to 800 Hz); DC 28 V
Current rating range
1...30 A
Auxiliary circuit
0.5 A, DC 28 V
Typical life
20,000 operations mechanical
10,000 operations at IN (≤ 25 A)
4,000 operations at IN (30 A)
Ambient temperature
-55...+125 °C (-67...+257 °F) ≤ 15 A
-55...+90 °C (-67...+194 °F) > 15 A
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664A)
withstand voltage
degree
1.5 kV
3
Dielectric strength
(IEC 60664 and 60664A)
test voltage
operating area
AC 1,500 V
pole/pole
AC 1,500 V
main to aux. circuit
AC 1,500 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
3 AC 200 V (400 Hz):
≤ 4 A
1,000 A
5 A
2,000 A
7.5...25 A
2,500 A
30 A
1,500 A
DC 28 V:
1...25 A
6,000 A
30 A
4,000 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
10 g (57-2000 Hz), ± 0.76 mm (5-57 Hz)
(sinusoidal)
to VG 95210, sheet 19,
IEC 60068-2-6, test Fc, ISO 7137
Vibration (random)
16.4 g rms, 0.2 g2 Hz ± 1.5 dB,
to VG 95210, sheet 29,
IEC 60068-2-6, test Fc, ISO 7137
Acceleration
17 g, to ISO 2669
Shock
50 g (11 ms), to VG 95210, sheet 28,
IEC 60068-2-27, test Ea, ISO 7137
Corrosion
96 hours at 5 % salt mist
48 hours at 20 % salt mist
to VG 95210, sheet 2,
IEC 60068-2-11, test Ka, ISO 7137
Humidity
240 hours at 95 % RH,
to VG 95210, sheet 7,
IEC 60068-2-3, test C/ISO 7137
Explosion
to VG 95210, sheet 10,
MIL-STD-202, meth. 109
Altitude
≤ 25,000 m above sea level
Mass
max. 67 g with auxiliary contact
max. 63 g without auxiliary contact
Mass reduction through aluminium threadneck approx. 3 g
Approvals
Standard current ratings and typical volt drop values
Current
rating (A)
Volt drop per
pole (mV)
Current
rating (A)
Volt drop per
pole (mV)
1
750
7.5
230
2
520
10
190
2.5
400
15
190
3
360
20
200
4
350
25
170
5
260
30
160
Authority
Standard
Voltage ratings
Current
ratings
Bw
VG
95345,
part 11
AC 115/200 V, 400 Hz
DC 28 V
1 A…25 A
1 A…25 A
Bw
LN 29887
AC 115/200 V, 400 Hz 5 A…25 A
Dep. of the Navy
AS14154
AC 115/200 V, 400 Hz 1 A…20 A
QPL Canada
Dep. of National
Defence
VG
95345,
part 11
AC 115/200 V, 400 Hz
DC 28 V
1 A…25 A
1 A…25 A
QPL Sweden
Defence Material
Admin.
LN 29887
MS 14154
AC 115/200 V, 400 Hz
DC 28 V
1 A…25 A
1 A…25 A
QPL UK
Ministery of
Defence
LN 29887
AC 115/200 V, 400 Hz 5 A…25 A
Airbus
EN
2996-004
AC 115/200 V, 400 Hz 1 A…25 A
Airbus
EN
2996-005
AC 115/200 V, 400 Hz 1 A…25 A


Similar Part No. - 583-G151-J1M1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
583-300024-B BOTHHAND-583-300024-B Datasheet
250Kb / 1P
   ISDN XFMR
More results

Similar Description - 583-G151-J1M1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
483-G ETAL-483-G Datasheet
308Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
4930-01 ETAL-4930-01 Datasheet
202Kb / 4P
   Aircraft electrical systems and equipment, and other high performance applications
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com