Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB360 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB360
Description  Slotted Op ti cal Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB360 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB360 Datasheet HTML 1Page - OPTEK Technologies OPB360 Datasheet HTML 2Page - OPTEK Technologies OPB360 Datasheet HTML 3Page - OPTEK Technologies OPB360 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
0.125" (3.18 mm) wide gap
Choice of aperture
Choice of opaque or IR transmissive
shell material
Choice of mounting configuration
Choice of lead spacing
Description
The OPB360/370 series of slotted
switches provides the design engineer
with the flexibility of a custom device
from a standard product line. Building
from a standard housing with a .125"
(3.18 mm) wide slot, the user can specify
(1) electrical output parameters, (2)
mounting tab configuration, (3) choice of
lead spacing, (4) discrete shell material,
and (5) aperture width.
All housings are an opaque grade of
injection-molded plastic to minimize the
assembly's sensitivity to ambient
radiation, both visible and near-infrared.
Discrete shells (exposed on the parallel
faces inside the device throat) are either
IR transmissive plastic for applications
where aperture contamination may occur
or opaque plastic with aperture openings
for maximum protection against ambient
light.
Replaces/Upgrades
OPB860, OPB870 Series
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage and Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -40
o C to +85o C
Lead Soldering Temperature Range [1/16 inch (1.6 mm) from case for 5 sec. with
soldering iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
o C(2)
Input Diode
Forward DC Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
Peak Forward Current (1
µs pulse width, 300 pps) . . . . . . . . . . . . . . . . . . . . . . . 3.0 A
Reverse DC Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW
(1)
Output Phototransistor
Collector-Emitter Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 V
Emitter-Collector Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0 V
Collector DC Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW
(1)
Notes:
(1) Derate linearly 1.67 mW/
o C above 25o C.
(2) RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering.
(3) All parameters tested using pulse technique.
(4) Lead spacing of 0.220" (5.59 mm) or 0.320" (8.13 mm) is available. Leads are 0.20" sq. (5.08
mm) and 0.425" (10.80 mm) long (min).
(5) Methanol and isopropanol are recommended as cleaning agents. Plastic housings are
soluble in chlorinated hydrocarbons and ketones.
(6) Polarity is denoted by color of housing top:
Product Bulletin OPB360
August 1996
Slotted Optical Switches
Types OPB360, OPB370 Series
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
12-8
Package N
Package L
Package P
Package T
LED - Gray or Clear
Sensor - Black


Similar Part No. - OPB360

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB360 OPTEK-OPB360 Datasheet
538Kb / 10P
   Slotted Optical Switch
logo
TT Electronics.
OPB360 TTELEC-OPB360 Datasheet
319Kb / 11P
   Slotted Optical Switch
logo
List of Unclassifed Man...
OPB360 ETC-OPB360 Datasheet
484Kb / 10P
   Slotted Optical Switch
OPB360 ETC-OPB360 Datasheet
479Kb / 10P
   Slotted Optical Switch
OPB360 ETC2-OPB360 Datasheet
479Kb / 10P
   Slotted Optical Switch
More results

Similar Description - OPB360

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB380 OPTEK-OPB380 Datasheet
1Mb / 4P
   Slotted Op ti cal Switches
OPB821TX OPTEK-OPB821TX Datasheet
141Kb / 2P
   Hi- Rel Slot ted Op ti cal Switches
OPB355 OPTEK-OPB355 Datasheet
201Kb / 3P
   Slotted Op tical Switches
OPB815L OPTEK-OPB815L Datasheet
367Kb / 2P
   Deep Gap Slot ted Op ti cal Switch
OPB917B OPTEK-OPB917B Datasheet
158Kb / 3P
   Photologic창 Slotted Op tical Switches Type OPB917 Series
OPB816 OPTEK-OPB816 Datasheet
47Kb / 2P
   Slotted Op tical Switch
OPB817 OPTEK-OPB817 Datasheet
107Kb / 2P
   Slotted Op tical Switch
OPB819 OPTEK-OPB819 Datasheet
102Kb / 2P
   Slotted Op tical Switch
OPB828 OPTEK-OPB828 Datasheet
252Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB845A OPTEK-OPB845A Datasheet
230Kb / 2P
   Slotted Optical Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com